Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8231 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-19-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Parallel Port Interface
Signal Name
Pin #
I/O
Signal Description
PINIT# / DIR#
B12
IO / O
Initialize. Initialize printer. Output in standard mode, I/O in ECP/EPP mode.
STROBE# / nc
A11
IO / -
Strobe. Output used to strobe data into the printer. I/O in ECP/EPP mode.
AUTOFD# / DRVEN0
E11
IO / O
Auto Feed. Output used to cause the printer to automatically feed one line after
each line is printed. I/O pin in ECP/EPP mode.
SLCTIN# / STEP#
D12
IO / O
Select In. Output used to select the printer. I/O pin in ECP/EPP mode.
SLCT / WGATE#
E13
I / O
Select. Status output from the printer. High indicates that it is powered on.
ACK# / DS1#
B14
I / O
Acknowledge. Status output from the printer. Low indicates that it has received
the data and is ready to accept new data
ERROR# / HDSEL#
F11
I / O
Error. Status output from the printer. Low indicates an error condition in the
printer.
BUSY / MTR1#
A14
I / O
Busy. Status output from the printer. High indicates not ready to accept data.
PE / WDATA#
D13
I / O
Paper End. Status output from the printer. High indicates that it is out of paper.
PD7 / nc,
PD6 / nc,
PD5 / nc,
PD4 / DSKCHG#,
PD3 / RDATA#,
PD2 / WRTPRT#,
PD1 / TRK00#,
PD0 / INDEX#
C14
A13
B13
C13
E12
A12
C12
D11
IO / -
IO / -
IO / -
IO / I
IO / I
IO / I
IO / I
IO / I
Parallel Port Data.
As shown by the alternate functions above, in mobile applications the parallel port pins can optionally be selected to function as a
floppy disk interface for attachment of an external floppy drive using the parallel port connector (see Super I/O Configuration
Index F6[5]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com