Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7902CFS Datasheet(PDF) 2 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 2 Page - Rohm

  BD7902CFS Datasheet HTML 1Page - Rohm BD7902CFS Datasheet HTML 2Page - Rohm BD7902CFS Datasheet HTML 3Page - Rohm BD7902CFS Datasheet HTML 4Page - Rohm BD7902CFS Datasheet HTML 5Page - Rohm BD7902CFS Datasheet HTML 6Page - Rohm BD7902CFS Datasheet HTML 7Page - Rohm BD7902CFS Datasheet HTML 8Page - Rohm BD7902CFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BD7902CFS
Optical disc ICs
2/17
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Unit
POWER MOS
power suuply voltage
Preblock/BTL powerblock
power supply voltage
PWM control block
power supply voltage
Power dissipation
Operating temperature range
Storage temperature
SPVM1,2,SLRNF1,2
VCC,SLVDD,AVM
DVCC
Pd
Topr
Tstg
Limits
−55~+150
15∗1
15
7
2.6∗2
−35~+85
V
V
V
W
°C
°C
∗1 POWER MOS output terminals (9, 11, 18, 34~37pin) is contained.
∗2 PCB (70mm×70mm×1.6mm glass epoxy) mounting.
Reduced by 20.8mW for each increase in Ta of 1
°C over 25°C.
!
!
!
!
Recommended operating conditions (Ta=25
°C)
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Max.
Typ.
Min.
Unit
POWER MOS Power supply voltage 1
POWER MOS Power supply voltage 2
SPVM1, 2
SLRNF1, 2
VCC∗3
SLVDD∗3
V
V
Preblock Power supply voltage
Power block Power supply voltage
SLVDD, VCC
VCC
AVM
14
12
AVM
5.0
4.3
V
V
PWM control block Power supply voltage
Spindle output current
DVCC
2.5∗4
Iosp
6.0
5.0
4.3
1.2
V
A
SL/FO/TR/LO output current
0.8
Ioo
0.5
A
∗3 Set the same supply voltage to VCC and SPVM1, 2 to SLVDD and SLRNF1, 2.
∗4 The current is guaranteed 3.0A in case of the current is turned on/off in a duty-ratio of
less than 1/10 with a maximum on-time of 5msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com