Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7902CFS Datasheet(PDF) 6 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 6 Page - Rohm

Back Button BD7902CFS Datasheet HTML 2Page - Rohm BD7902CFS Datasheet HTML 3Page - Rohm BD7902CFS Datasheet HTML 4Page - Rohm BD7902CFS Datasheet HTML 5Page - Rohm BD7902CFS Datasheet HTML 6Page - Rohm BD7902CFS Datasheet HTML 7Page - Rohm BD7902CFS Datasheet HTML 8Page - Rohm BD7902CFS Datasheet HTML 9Page - Rohm BD7902CFS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BD7902CFS
Optical disc ICs
6/17
!
!
!
!
Electrical characteristics
(unless otherwise noted, Ta=25
°C, SLVDD=VCC=12V, DVCC=AVM=5V, VC=1.65V, SPRNF=0.33Ω, SLRNF=0.5Ω)
Circuit current
Quiescent current 1
Quiescent current 2
Quiescent current 3
Stanby-on current 1
Stanby-on current 2
Sled driver block
Input dead zone (one side)
Input output gain
Output ON resistor (upper)
Output ON resistor (lower)
Output limit current
PWM frequency
Spindle driver block
〈 Hall bias 〉
Hall bias voltage
Spindle driver block
〈 Hall amplifier 〉
Input bias current
Minimum input level
Common mode input Range
Spindle driver block
〈 Torque control 〉
Input dead zone (one side)
Input output gain
Output ON resistor (upper)
Output ON resistor (lower)
Output limit current
PWM frequency
Spindle driver block
〈 FG output 〉
High voltage
Low voltage
Actuator driver block
Output offset voltage
Output saturation voltage "H"
Output saturation voltage "L"
Voltage gain
IQ1
IQ2
IQ3
IST1
IST2
VDZSL
gmSL
RONUSL
RONLSL
ILIMSL
fosc
VHB
IHIB
VHIM
VHICM
VDZSP
gmSP
RONUSP
RONLSP
ILIMSP
fosc
VFGH
VFGL
VOFFT
VOHFT
VOLFT
GVFT
−
−
−
−
−
15
0.8
(0.4)
−
−
0.8
(0.4)
−
0.7
−
50
1
20
2.4
(0.8)
−
−
1.2
(0.4)
−
−
−
−50
−
−
16.0
12
9
2.7
0.09
0
40
1.0
(0.5)
1.8
0.85
0.94
(0.47)
100
1.15
1
−
−
50
3.0
(1.0)
0.6
0.35
1.42
(0.47)
100
4.9
0.1
0
0.45
0.45
17.5
20
16
4.9
0.2
0.1
65
1.2
(0.6)
2.3
1.5
1.08
(0.54)
−
1.6
5
−
4
90
3.6
(1.2)
1.0
0.7
1.64
(0.54)
−
−
−
50
0.8
0.8
19.0
mA
mA
mA
mA
mA
mV
A/V
(V/V)
Ω
Ω
A
(V)
kHz
V
µA
mVPP
V
mV
A/V
(V/V)
Ω
Ω
A
(V)
kHz
V
V
mV
V
V
dB
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit
VCC (Loading OFF)
VCC (Loading ON)
DVCC
VCC
DVCC
SLRNF
=0.5Ω
IL
=500mA
IL
=−500mA
SLRNF
=0.5Ω
IHB
=10mA
SPRNF
=0.33Ω
IL
=500mA
IL
=−500mA
SPRNF
=0.33Ω
100k
Ω pull up to DVCC
IL
=500mA
IL
=−500mA
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
Fig1, 2
This product is not designed for protection against redioactive rays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com