Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7902CFS Datasheet(PDF) 10 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 10 Page - Rohm

Back Button BD7902CFS Datasheet HTML 6Page - Rohm BD7902CFS Datasheet HTML 7Page - Rohm BD7902CFS Datasheet HTML 8Page - Rohm BD7902CFS Datasheet HTML 9Page - Rohm BD7902CFS Datasheet HTML 10Page - Rohm BD7902CFS Datasheet HTML 11Page - Rohm BD7902CFS Datasheet HTML 12Page - Rohm BD7902CFS Datasheet HTML 13Page - Rohm BD7902CFS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BD7902CFS
Optical disc ICs
10/17
!
!
!
!
Table of measure circuit switches position 1
(VCC=SPVM=SLVM=12V, DVCC=AVM=5V, VC=1.65V, RL (act) =8
Ω, RL (SL) =8Ω+47µH, RL (SP) =2Ω+47µH,
SLRNF=0.5
Ω, SPRNF=0.33Ω, H−=2.5V, HU+=2.6V, HV+=HW+=2.4V)
Circuit current
Sled driver block
IQ1
IQ2
IQ3
IST1
IST2
gmSL
RONUSL
RONLSL
ILIMSL
fosc
−
−
−
−
−
1.45
*2
3.3V
(0V)
3.3V
(0V)
0V
(3.3V)
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
1
2
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
VDZSL
*1
H
H
2111
1
1
1
2
2
111
111
111
111
111
Designation
INPUT
VIN
SWITCH
CTL
12
RL SP SL
IL
Measure
point
Conditions
∗1 Check VSLRNF with no output at VIN=VC±15mV
Check VSLRNF with output at VIN
=VC±65mV
See bellow
ILSL
=500mA
ILSL
=−500mA
RON
=
0.5A
VOSL
+ (−)
RON
=
0.5A
12V
− VOSL + (−)
IQVC
IQVC
IQDV
IQVC
IQDV
VSLRNF
VSLRNF
VSLRNF
OUT
+ (−)
OUT
+ (−)
VOSL
+
VIN2
VIN3
VRNF3/RNF
VRNF2/RNF
VRNF1/RNF
lop
VRNF4/RNF
VIN4
VIN1
VIN
Dead zone
SPRNF
=0.33Ω
SLRNF
=0.5Ω
Iosp
Iosl
Iosp or Iosl
Iop
Time
Iop...the peak current of Iosp or Iosl
∗2 Sled driver
VIN1
=240mV, VIN2=140mV
VIN3
=−140mV, VIN=−240mV
gm (
+) = (
) / 0.5
Ω
240mV
− 140mV
VSLRNF1
− VSLRNF2
gm (
−) = (
) / 0.5
Ω
240mV
− 140mV
VSLRNF4
− VSLRNF3
∗4 Spindle driver
VIN1
=150mV, VIN2=100mV
VIN3
=−100mV, VIN=−150mV
gm (
+) = (
) / 0.33
Ω
150mV
− 100mV
VSPRNF1
− VSPRNF2
gm (
−) = (
) / 0.33
Ω
150mV
− 100mV
VSPRNF4
− VSPRNF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com