Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC27M4CPWR Datasheet HTML 1Page - Texas Instruments TLC27M4CPWR Datasheet HTML 2Page - Texas Instruments TLC27M4CPWR Datasheet HTML 3Page - Texas Instruments TLC27M4CPWR Datasheet HTML 4Page - Texas Instruments TLC27M4CPWR Datasheet HTML 5Page - Texas Instruments TLC27M4CPWR Datasheet HTML 6Page - Texas Instruments TLC27M4CPWR Datasheet HTML 7Page - Texas Instruments TLC27M4CPWR Datasheet HTML 8Page - Texas Instruments TLC27M4CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
600
0
– 600
1200
– 1200
N Package
TA = 25°C
VDD = 5 V
301 Units Tested From 2 Wafer Lots
VIO – Input Offset Voltage – μV
DISTRIBUTION OF TLC27M9
INPUT OFFSET VOLTAGE
40
35
30
25
20
15
10
5
0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN +
VDD
2IN +
2IN–
2OUT
4OUT
4IN –
4IN +
GND
3IN +
3IN –
3OUT
D, J, N, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
GND
NC
3IN +
1IN +
NC
VDD
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC – No internal connection
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS
Check for Samples: TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
1
FEATURES
2
•
Trimmed Offset Voltage
–
TLC27M9 . . . 900 µV Max at TA = 25°C,
VDD = 5 V
•
Input Offset Voltage Drift . . . Typically
0.1 µV/Month, Including the First 30 Days
•
Wide Range of Supply Voltages Over Specified
Temperature Range:
–
0°C to 70°C . . . 3 V to 16 V
–
–40°C to 85°C . . . 4 V to 16 V
–
–55°C to 125°C . . . 4 V to 16 V
•
Single-Supply Operation
•
Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
•
Low Noise . . . Typically 32 nV/
√Hz
at f = 1 kHz
•
Low Power . . . Typically 2.1 mW at
TA = 25°C, VDD = 5 V
•
Output Voltage Range Includes Negative Rail
•
High Input Impedance . . . 1012
Ω Typ
•
ESD-Protection Circuitry
•
Small-Outline Package Option Also Available
in Tape and Reel
•
Designed-In Latch-Up Immunity
DESCRIPTION
The
TLC27M4
and
TLC27M9
quad
operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high input
impedance, low noise, and speeds comparable to
that
of
general-purpose
bipolar
devices.
These
devices
use
Texas
Instruments
silicon-gate
LinCMOS™ technology, which provides offset voltage
stability far exceeding the stability available with
conventional metal-gate processes.
The extremely high input impedance, low bias
currents, make these cost-effective devices ideal for
applications that have previously been reserved for
general-purpose bipolar products, but with only a
fraction of the power consumption.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LinCMOS is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Copyright © 1987–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC27M4CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M4CPWR TI1-TLC27M4CPWR Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4CPWR TI-TLC27M4CPWR Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4CPWR TI-TLC27M4CPWR Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4CPWR TI2-TLC27M4CPWR Datasheet
1Mb / 51P
LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS
REVISED OCTOBER 2012
TLC27M4CPWR.A TI2-TLC27M4CPWR.A Datasheet
1Mb / 51P
LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS
REVISED OCTOBER 2012
More results

Similar Description - TLC27M4CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014 TI-LT1014 Datasheet
631Kb / 30P
QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014DMDWG4 TI-LT1014DMDWG4 Datasheet
869Kb / 32P
QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014 TI1-LT1014_17 Datasheet
1Mb / 35P
QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com