Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 8Page - Texas Instruments TLC27M4CPWR Datasheet HTML 9Page - Texas Instruments TLC27M4CPWR Datasheet HTML 10Page - Texas Instruments TLC27M4CPWR Datasheet HTML 11Page - Texas Instruments TLC27M4CPWR Datasheet HTML 12Page - Texas Instruments TLC27M4CPWR Datasheet HTML 13Page - Texas Instruments TLC27M4CPWR Datasheet HTML 14Page - Texas Instruments TLC27M4CPWR Datasheet HTML 15Page - Texas Instruments TLC27M4CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 5 V, TA = 25°C (unless otherwise noted)
TLC27M4Y
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VO = 1.4 V,
VIC = 0,
VIO
Input offset voltage
1.1
10
mV
RS = 50 Ω,
RL = 100 kΩ
Temperature coefficient of input offset
αVIO
TA = 25°C to 70°C
1.7
µV/°C
voltage
IIO
Input offset current(1)
VO = 2.5 V,
VIC = 2.5 V
0.1
pA
IIB
Input bias current(1)
VO = 2.5 V,
VIC = 2.5 V
0.6
pA
–0.2
–0.3
VICR
Common-mode input voltage range(2)
to
to
V
4
4.2
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
3.2
3.9
V
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
0
50
mV
Large-signal differential voltage
AVD
VO = 0.25 V to 2 V, RL= 100 kΩ
25
170
V/mV
amplification
CMRR
Common-mode rejection ratio
VIC = VICRmin
65
91
dB
Supply-voltage rejection ratio
kSVR
VDD = 5 V to 10 V,
VO = 1.4 V
70
93
dB
(
ΔVDD/ΔVIO)
VO = 2.5 V,
VIC = 2.5 V,
IDD
Supply current (four amplifiers)
420
1120
µA
No load
(1)
The typical values of input bias current and input offset current below 5 pA were determined mathematically
(2)
This range also applies to each input individually.
ELECTRICAL CHARACTERISTICS
VDD = 10 V, TA = 25°C (unless otherwise noted)
TLC27M4Y
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VO = 1.4 V,
VIC = 0,
VIO
Input offset voltage
1.1
10
mV
RS = 50 Ω,
RL = 100 kΩ
Temperature coefficient of input offset
αVIO
TA = 25°C to 70°C
1.7
µV/°C
voltage
IIO
Input offset current(1)
VO = 5 V,
VIC = 5 V
0.1
pA
IIB
Input bias current(1)
VO = 5 V,
VIC = 5 V
0.6
pA
–0.2
–0.3
VICR
Common-mode input voltage range(2)
to
to
V
9
9.2
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
8
8.7
V
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
0
50
mV
Large-signal differential voltage
AVD
VO = 1 V to 6 V,
RL= 100 kΩ
25
275
V/mV
amplification
CMRR
Common-mode rejection ratio
VIC = VICRmin
65
94
dB
Supply-voltage rejection ratio
kSVR
VDD = 5 V to 10 V,
VO = 1.4 V
70
93
dB
(
ΔVDD/ΔVIO)
VO = 5 V,
VIC = 5 V,
IDD
Supply current (four amplifiers)
570
1200
µA
No load
(1)
The typical values of input bias current and input offset current below 5 pA were determined mathematically.
(2)
This range also applies to each input individually.
12
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com