Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5444CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5444CSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5444CSZ Datasheet HTML 7Page - Intersil Corporation EL5444CSZ Datasheet HTML 8Page - Intersil Corporation EL5444CSZ Datasheet HTML 9Page - Intersil Corporation EL5444CSZ Datasheet HTML 10Page - Intersil Corporation EL5444CSZ Datasheet HTML 11Page - Intersil Corporation EL5444CSZ Datasheet HTML 12Page - Intersil Corporation EL5444CSZ Datasheet HTML 13Page - Intersil Corporation EL5444CSZ Datasheet HTML 14Page - Intersil Corporation EL5444CSZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Typical Performance Curves (Continued)
2nd and 3rd Harmonic Distortion vs Frequency
2nd and 3rd Harmonic Distortion vs Frequency
2nd and 3rd Harmonic Distortion vs. Frequency
Differential Gain for RL Tied to 2.5V
Differential Phase for RL Tied to 2.5V
Channel to Channel Crosstalk - Duals and Quads
(Worst Channel)
0.5
2
VOUT (V)
3.5
0
0.1
-0.1
-0.2
0.2
RL=10kΩ
RL=150Ω
RF=1kΩ
AV=2
0.5
2
VOUT (V)
3.5
0
0.1
-0.1
-0.2
0.2
RL=10kΩ
RL=150Ω
RF=1kΩ
AV=2
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
HD3
HD2
VOUT=0.25V to 2.25V
RL=100Ω to 0V
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
HD3
HD2
VOUT=0.5V to 2.5V
RL=100Ω to 0V
HD3
HD2
VOUT=1V to
3V
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
100k
1M
Frequency (Hz)
100M
10M
-40
-20
-60
-100
0
-80
2nd and 3rd Harmonic Distortion vs. Frequency
HD3
HD2
VOUT=1V to 3V
RL=100Ω to 0V
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com