Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CSZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL5444CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5444CSZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL5444CSZ Datasheet HTML 9Page - Intersil Corporation EL5444CSZ Datasheet HTML 10Page - Intersil Corporation EL5444CSZ Datasheet HTML 11Page - Intersil Corporation EL5444CSZ Datasheet HTML 12Page - Intersil Corporation EL5444CSZ Datasheet HTML 13Page - Intersil Corporation EL5444CSZ Datasheet HTML 14Page - Intersil Corporation EL5444CSZ Datasheet HTML 15Page - Intersil Corporation EL5444CSZ Datasheet HTML 16Page - Intersil Corporation EL5444CSZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Typical Performance Curves (Continued)
Output Voltage from Either Rail vs Die
Temperature for Various Effective RLOAD
Maximum Power Dissipation vs. Ambient
Temperature Duals (TJMAX = 150°C)
Ambient Temperature (°C)
PDIP-14,
ΘJA = 87°C/W
0
0.5
1.0
1.5
2.5
2.0
-50
104070
-20
100
SOIC-14,
ΘJA = 120°C/W
PDIP-8,
ΘJA = 107°C/W
SOIC-8,
ΘJA = 159°C/W
MSOP-8,10,
ΘJA = 206°C/W
Maximum Power Dissipation vs. Ambient
Temperature Quads (TJMAX = 150°C)
Ambient Temperature (°C)
PDIP-14,
ΘJA = 83°C/W
0
0.5
1.0
1.5
2.5
2.0
-50
10
40
70
-20
100
SOIC-14,
ΘJA = 118°C/W
QSOP-16,
ΘJA = 158°C/W
Maximum Power Dissipation vs. Ambient
Temperature Singles (TJMAX = 150°C)
Ambient Temperature (°C)
PDIP,
ΘJA = 110°C/W
0
0.4
0.8
1.2
2.0
1.6
-50
104070
-20
100
SOIC,
ΘJA = 161°C/W
SOT23-5,
ΘJA = 256°C/W
OFF Isolation - EL5146 & EL5246
-55
Die Temperature (°C)
145
-15
105
65
25
10
1
300
100
Effective RLOAD
=150Ω
Effective RLOAD=1k
Ω
Effective RLOAD=
5kΩ
Effective RLOAD = RL//RF to VS/2
10k
Frequency (Hz)
100M
100k
10M
1M
-80
-120
-20
-40
-60
-100
EL5146CS &
EL5146CN
EL5246CN
EL5246CS
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com