Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 1 Page - Bi technologies

Part # 7481
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7481 Datasheet(HTML) 1 Page - Bi technologies

  7481 Datasheet HTML 1Page - Bi technologies 7481 Datasheet HTML 2Page - Bi technologies 7481 Datasheet HTML 3Page - Bi technologies 7481 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
7/8” Diameter
5 Turn Wirewound
Precision Potentiometer
Model 7480
Total Mechanical Travel
1800° +15° -0°
Number of Gangs
2 maximum
Weight (single gang)
0.75 oz. nominal
Backlash
1° maximum
7481, 7486
7483
Static Stop Strength
maximum
48 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque
maximum
25 lb.-in.
n/a
Shaft End Play
maximum
0.010”
0.005”
Shaft Runout
maximum T.I.R.
0.003”
0.002”
Pilot Diameter Runout
maximum T.I.R.
0.004”
0.002”
Lateral Runout
maximum T.I.R.
0.005”
0.004”
Shaft Radial Play
maximum
0.003”
0.002”
Start/Run Torque (per gang, ES option adds 0.5 oz.-in.)
maximum 1.2 oz.-in.
0.9 oz.-in.
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
Resistance Range
100 to 50K ohms
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity2
±0.25%
Minimum Practical Independent Linearity
±0.25% (<500 ohms), ±0.20% (≥500 ohms)
Power Rating
1.5 Watts at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Noise
100 ohms maximum
Actual Electrical Travel
1800° +10° -0° (>100 ohms), 1800° +10° -5° (≤100 ohms)
End Voltage
maximum 0.25% of input voltage
Tap Tolerance
±3°
February 19, 2015
Model 7480 page 1 of 4
7481
1/8” Shaft, 1/4” Bushing
7483
1/8” Shaft, Servo
7486
1/4” Shaft, 3/8” Bushing
7488 (for heavy side load applications)
1/4” Shaft, 3/8” Bushing
MODEL STYLES AVAILABLE
RoHS 2
compliant
Pb


Similar Part No. - 7481

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7481 BITECH-7481 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
Renesas Technology Corp
7481 RENESAS-7481 Datasheet
1Mb / 98P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Wurth Elektronik GmbH &...
748111009 WURTH-748111009 Datasheet
534Kb / 7P
WE-LPF Multilayer Chip Low-Pass Filter
002.000
748112024 WURTH-748112024 Datasheet
181Kb / 3P
Low-Pass-Filter WE-LPF
748121055 WURTH-748121055 Datasheet
190Kb / 3P
Low-Pass-Filter WE-LPF
More results

Similar Description - 7481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
5311 ETC2-5311 Datasheet
76Kb / 3P
1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
5610 BITECH-5610 Datasheet
102Kb / 4P
2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com