Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 2 Page - Bi technologies

Part # 7481
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7481 Datasheet(HTML) 2 Page - Bi technologies

  7481 Datasheet HTML 1Page - Bi technologies 7481 Datasheet HTML 2Page - Bi technologies 7481 Datasheet HTML 3Page - Bi technologies 7481 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 19, 2015
Model 7480 page 2 of 4
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Temperature Cycling
5 cycles, -55°C to +125°C, maximum 5% ΔR
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
15 G’s, 10 to 2,000 Hz, maximum 5% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
Five 24 hour cycles, maximum 3% ΔR
High Temperature Exposure
1,000 hours at 125°C, maximum 5% ΔR
Rotational Load Life (1 lb side load for 7488)
500K shaft revolutions + 900 hours at 1.5 Watts & 70°C, maximum 5% ΔR
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL (MIL-PRF-12934)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
7486 R 10K T2 L.5 xx
FEATURE CODES
Model 7480
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
Total Resistance
(Ohms)
Theoretical
Resolution
(% nominal)
Tempco of wire
(ppm/°C)
100
0.059
±20
200
0.037
±20
500
0.030
±20
1K
0.024
±20
2K
0.020
±20
5K
0.018
±20
10K
0.017
±20
20K
0.016
±20
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft (standard on single cup 7486 without
RS feature)
SS
Rear Shaft Extension (7481, 7486 single cup only)
RS
Shaft Lock (7486 only)
SL
High Torque 2-6 oz.-in. (7486 only)
HT
Additional Gang
2G
Gold Plated Solder Lug Terminals (see optional
terminal configuration)
FT
Seal (IP66) 7486 or 7488 only
ES
When multiple Feature codes are used the P/N shall be in the
same sequence as listed in this table (top to bottom).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com