Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 3 Page - Bi technologies

Part # 7481
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7481 Datasheet(HTML) 3 Page - Bi technologies

  7481 Datasheet HTML 1Page - Bi technologies 7481 Datasheet HTML 2Page - Bi technologies 7481 Datasheet HTML 3Page - Bi technologies 7481 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
40°
SLIDER
.625RMAX
15.9RMAX
VIEWB
February 19, 2015
Model 7480 page 3 of 4
Model 7480
OUTLINE DRAWINGS
.625
15.9R Max.
.875±.016
22.2±0.41 Dia.
75°
Max.
Slot: .032±.005/0.813±0.127 Wide X
.032+.010-.000/0.813+0.254-0.000 Deep
(Not on Rear Shaft Models)
Chamfer
.016/0.41 Max. x 45°
Dim. D
.312±.016
7.93±0.41
+.000
-.010
+0.00
-0.25
.062
1.58
.080±.001
2.03±0.03 Dia.
1.125±.031
28.58±0.79
Mounting Surface
Dim.A
Dim. B
Dim. C
.125
3.18 Min.
.750±.016
19.1±0.41
Slider
CCW
CW
.688±.013
17.475±0.787
.812±.031
20.625±0.787
+.0000
-.0003
+0.0000
-0.0076
+.0000
-.0005
+0.0000
-0.0127
.1248
3.1699
.2500
6.3500
+.000
-.002
+0.000
-0.051
+.000
-.002
+0.000
-0.051
.281
7.137
.406
10.312
Dia.
Dia.
Dia.
Dia.
1/4-32 UNEFThread 3/8-32UNEFThread
7481
7486
Dim.
A
B
C
D
Models 7481 & 7486
Bushing Mount with Sleeve Bearing
Optional Terminal Configuration
.110
2.794
.020Thickness
.060±.003
1.524±.076
.062±.003
1.524±.076
Dia.
Use Special Feature Code “FT” to order.
Enlarged View B
MATCHING TURNS COUNTING DIALS
7481: RBJ, 2601, 2641
7486: RB, 2126, 2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com