Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4900B Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS4900B
Description  SD Clock and Timing Generator with GENLOCK
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4900B Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS4900B Datasheet HTML 35Page - Semtech Corporation GS4900B Datasheet HTML 36Page - Semtech Corporation GS4900B Datasheet HTML 37Page - Semtech Corporation GS4900B Datasheet HTML 38Page - Semtech Corporation GS4900B Datasheet HTML 39Page - Semtech Corporation GS4900B Datasheet HTML 40Page - Semtech Corporation GS4900B Datasheet HTML 41Page - Semtech Corporation GS4900B Datasheet HTML 42Page - Semtech Corporation GS4900B Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
39 of 102
Figure 3-2: Output Accuracy and Modes of Operation
3.3 Output Timing Format Selection
At device power-up (described in Section 3.12 on page 94), the application layer should
immediately set the external VID_STD[5:0] and ASR_SEL[2:0] pins. The VID_STD[5:0]
pins are used to select a pre-programmed output video format. The ASR_SEL[2:0] pins
are only available on the GS4901B, and are used to select the fundamental audio
frequency or to turn off audio clock generation.
The output timing formats selectable by the user via the VID_STD[5:0] pins are listed in
Section 1.4 on page 19. Table 3-7 in Section 3.7.2 on page 54 lists the audio sample rates
available via the ASR_SEL[2:0] pins.
NOTE: The VID_STD[5:4] pins should be grounded by the application layer since these
pins are not required to select output video standards 1 to 10.
On power-up, the device will first check the status of the GENLOCK pin. If GENLOCK is
set LOW and a valid reference has been applied to the inputs, the device will output the
selected video standard while attempting to genlock. However, if a reference signal has
not been applied and GENLOCK=LOW, the initial clock and timing outputs may be
determined by the internal default settings of the chip. If GENLOCK is set HIGH, the
device will immediately enter Free Run mode and will correctly output the selected
video standard.
When operating in Free Run or Genlock mode, the GS4901B/GS4900B will continuously
monitor the settings of the VID_STD[5:0] and ASR_SEL[2:0] pins. If the user wishes to
change the format of the output clocks and timing signals, these pins may be
reconfigured at any time, although it is recommended that the device be reset when
changing output video standards.
Free Run
Genlock
Freeze
27 MHz
-2ppm
No Input
Reference
Reference
Applied
Reference
Lost
Time
Assumption: Reference
XTAL is 27MHz+/-100ppm
-100ppm
+100ppm
+2ppm
+
NOTES:
1.
t represents the temperature variability of the crystal
2. Diagram not to scale.
t
t
- t
+ t
- t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com