Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4900B Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS4900B
Description  SD Clock and Timing Generator with GENLOCK
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS4900B Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS4900B Datasheet HTML 9Page - Semtech Corporation GS4900B Datasheet HTML 10Page - Semtech Corporation GS4900B Datasheet HTML 11Page - Semtech Corporation GS4900B Datasheet HTML 12Page - Semtech Corporation GS4900B Datasheet HTML 13Page - Semtech Corporation GS4900B Datasheet HTML 14Page - Semtech Corporation GS4900B Datasheet HTML 15Page - Semtech Corporation GS4900B Datasheet HTML 16Page - Semtech Corporation GS4900B Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
13 of 102
36
TIMING_OUT_2
Synchronous
with PCLK1
~ PCLK3
Output
TIMING SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Selectable timing output.
Selectable from: H sync; H blanking; V sync; V blanking; F sync; F
digital; Display Enable; 10 field ID (film cadence); AFS video/audio
timing (GS4901B only); USER_1~4.
See Section 1.5 on page 23 for signal descriptions.
NOTE: Default output is H blanking.
The current drive capability of this pin may be set high or low via
designated registers in the host interface. By default, the current
drive will be low.
This signal will be high impedance when VID_STD[5:0] = 00h.
37
TIMING_OUT_3
Synchronous
with PCLK1
~ PCLK3
Output
TIMING SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Selectable timing output.
Selectable from: H sync; H blanking; V sync; V blanking; F sync; F
digital; Display Enable; 10 field ID (film cadence); AFS video/audio
timing (GS4901B only); USER_1~4.
See Section 1.5 on page 23 for signal descriptions.
NOTE: Default output is V Sync.
The current drive capability of this pin may be set high or low via
designated registers in the host interface. By default, the current
drive will be low.
This signal will be high impedance when VID_STD[5:0] = 00h.
39
TIMING_OUT_4
Synchronous
with PCLK1
~ PCLK3
Output
TIMING SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Selectable timing output.
Selectable from: H sync; H blanking; V sync; V blanking; F sync; F
digital; Display Enable; 10 field ID (film cadence); AFS video/audio
timing (GS4901B only); USER_1~4.
See Section 1.5 on page 23 for signal descriptions.
NOTE: Default output is V blanking.
The current drive capability of this pin may be set high or low via
designated registers in the host interface. By default, the current
drive will be low.
This signal will be high impedance when VID_STD[5:0] = 00h.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com