Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2198BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2198BML Datasheet HTML 2Page - Micrel Semiconductor MIC2198BML Datasheet HTML 3Page - Micrel Semiconductor MIC2198BML Datasheet HTML 4Page - Micrel Semiconductor MIC2198BML Datasheet HTML 5Page - Micrel Semiconductor MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor MIC2198BML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC2198
Micrel
MIC2198
6
November 2004
Block Diagram
Gm = 0.2×10
-3
Current
Limit
Error
Amp
VIN
VDD
CORRECTIVE
RAMP
RESET
Reference
Oscillator
EN/UVLO
2
7
10
6
12
11
8
9
4
5
3
1
COMP
100k
MIC2198
FB
R2
R1
VOUT
CSH
VDD
BST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7µF
AV = 2
V
0.8V
R1
R2
OUT =+
1
V6 V
OUT(max) =
.0
Current
Sense
Amp
RCS
Control
Logic
PWM
⎞
⎠
⎛
⎝
Figure 1. Internal Block Diagram
Functional Description
The MIC2198 is a BiCMOS, switched-mode, synchronous
step-down (buck) converter controller. Current-mode control
is used to achieve superior transient line and load regulation.
An internal corrective ramp provides slope compensation for
stable operation above a 50% duty cycle. The controller is
optimized for high-efficiency, high-performance DC-DC con-
verter applications.
The MIC2198 block diagram is shown above.
The MIC2198 controller is divided into 5 functions.
• Control loop
• Current limit
• Reference, enable and UVLO
• MOSFET gate drive
• Oscillator
Control Loop
The MIC2198 operates in PWM (pulse-width-modulation)
mode. In PWM mode, the synchronous buck converter forces
continuous current to flow in the inductor which also improves
cross regulation of transformer coupled, multiple output con-
figurations.
PWM Control Loop
The MIC2198 uses current-mode control to regulate the
output voltage. This method senses the output voltage (outer
loop) and the inductor current (inner loop). It uses inductor
current and output voltage to determine the duty cycle of the
buck converter. Sampling the inductor current removes the
inductor from the control loop, which simplifies compensa-
tion.
A block diagram of the MIC2198 PWM current-mode control
loop is shown in Figure 2 and the PWM mode voltage and
current waveform is shown in Figure 3. The inductor current
is sensed by measuring the voltage across the resistor, R
CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com