Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2198BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2198BML Datasheet HTML 3Page - Micrel Semiconductor MIC2198BML Datasheet HTML 4Page - Micrel Semiconductor MIC2198BML Datasheet HTML 5Page - Micrel Semiconductor MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor MIC2198BML Datasheet HTML 10Page - Micrel Semiconductor MIC2198BML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
November 2004
7
MIC2198
MIC2198
Micrel
A ramp is added to the amplified current-sense signal to
provide slope compensation, which is required to prevent
unstable operation at duty cycles greater than 50%.
A transconductance amplifier is used for the error amplifier,
which compares an attenuated sample of the output voltage
with a reference voltage. The output of the error amplifier is
Current
Sense
Amp
Error
Amp
VIN
VDD
CORRECTIVE
RAMP
PWM
COMPARATOR
RESET
Oscillator
7
10
6
12
11
8
9
4
5
3
1
COMP
100k
MIC2198
FB
R2
R1
VOUT
CSH
VDD
BST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7µF
S
R
Q
CONTROL LOGIC AND
PULSE-WIDTH MODULATOR
RCS
Gm = 0.2×10
-3
AV = 2
V
0.8V
R1
R2
OUT =+
1
Reference
⎞
⎠
⎛
⎝
Figure 2. PWM Operation
VDD
0V
0V
0V
0V
0A
VDD
VIN + VDD
VIN
VSW
Reset
Pulse
VHSD
VLSD
ILOAD
IL1
Figure 3. PWM-Mode Timing
the COMP (compensation) pin, which is compared to the
current-sense waveform in the PWM block. When the current
signal becomes greater than the error signal, the comparator
turns off the high-side drive. The COMP pin (pin 1) provides
access to the output of the error amplifier and allows the use
of external components to stabilize the voltage loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com