Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2198BML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2198BML Datasheet HTML 1Page - Micrel Semiconductor MIC2198BML Datasheet HTML 2Page - Micrel Semiconductor MIC2198BML Datasheet HTML 3Page - Micrel Semiconductor MIC2198BML Datasheet HTML 4Page - Micrel Semiconductor MIC2198BML Datasheet HTML 5Page - Micrel Semiconductor MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
November 2004
5
MIC2198
MIC2198
Micrel
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
PWM
UVLO
Shutdown
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4
9
14
19
24
29
34
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
PWM
UVLO
Shutdown
0.790
0.795
0.800
0.805
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE (V)
V
FB
Line Regulation
0.795
0.800
0.805
0.810
0.815
0.820
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
V
FB
vs. Temperature
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
0
5
10
15
20
25
30
LOAD CURRENT (mA)
V
DD
Load Regulation
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
V
DD
vs. Temperature
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Oscillator Frequency
vs. Temperature
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE (V)
Oscillator Frequency
vs. Supply Voltage
Typical Characteristics
(V
IN = 12V, unless otherwise noted)
64
66
68
70
72
74
76
78
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Overcurrent Threshold
vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
012345
OUTPUT CURRENT (A)
Current Limit
Foldback
V
IN = 5V
V
OUT = 3.3V
R
CS = 20mV
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
4
8
121620242832
SUPPLY VOLTAGE (V)
V
DD
Line Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com