Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q32C Datasheet(PDF) 22 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 22 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 18Page - ELM Electronics GD25Q32C Datasheet HTML 19Page - ELM Electronics GD25Q32C Datasheet HTML 20Page - ELM Electronics GD25Q32C Datasheet HTML 21Page - ELM Electronics GD25Q32C Datasheet HTML 22Page - ELM Electronics GD25Q32C Datasheet HTML 23Page - ELM Electronics GD25Q32C Datasheet HTML 24Page - ELM Electronics GD25Q32C Datasheet HTML 25Page - ELM Electronics GD25Q32C Datasheet HTML 26Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill
the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read commands.
The “Set Burst with Wrap” command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is used to enable
or disable the “Wrap Around” operation while W6-W5 is used to specify the length of the wrap around section
within a page.
7.12. Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the lowest
address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in followed Figure15.
The first byte addressed can be at any location. The address is automatically incremented to the next higher
address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9) must be set to
enable for the Quad I/O Word Fast read command.
Quad I/O Word Fast Read with “Continuous Read Mode”
The Quad I/O Word Fast Read command can further reduce command overhead through setting the “Continuous
Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4)
=(1, 0), then the next Quad I/O Word Fast Read command (after CS# is raised and then lowered) does not
require the E7H command code. The command sequence is shown in followed Figure16. If the “Continuous
Read Mode” bits (M5-4) do not equal to (1, 0), the next command requires the first E7H command code, thus
returning to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M5-4) before
issuing normal command.
Figure 15. Quad I/O Word Fast Read Sequence Diagram (M5-4 ≠ (1, 0))
Command
0 1 2 3 4 5 6 7
E7H
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
4 0 4 0 4 0 4 0
16 17 18 19 20 21 22 23
4 0 4 0
5 1 5 1 5 1 5 1
5 1 5 1
A23-16 A15-8 A7-0 M7-0
6 2 6 2 6 2 6 2
6 2 6 2
7 3 7 3 7 3 7 3
7 3 7 3
WP#(IO2)
HOLD#(IO3)
4
5
6
7
Dummy
Byte1 Byte2
4 0
5 1
6 2
7 3
Byte3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com