Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q32C Datasheet(PDF) 27 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 27 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 23Page - ELM Electronics GD25Q32C Datasheet HTML 24Page - ELM Electronics GD25Q32C Datasheet HTML 25Page - ELM Electronics GD25Q32C Datasheet HTML 26Page - ELM Electronics GD25Q32C Datasheet HTML 27Page - ELM Electronics GD25Q32C Datasheet HTML 28Page - ELM Electronics GD25Q32C Datasheet HTML 29Page - ELM Electronics GD25Q32C Datasheet HTML 30Page - ELM Electronics GD25Q32C Datasheet HTML 31Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
27
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.17. Sector Erase (SE) (20H)
The Sector Erase (SE) command is used to erase all the data of the chosen sector. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase (SE)
command is entered by driving CS# low, followed by the command code, and 3-address byte on SI. Any address
inside the sector is a valid address for the Sector Erase (SE) command. CS# must be driven low for the entire
duration of the sequence.
The Sector Erase command sequence: CS# goes low → sending Sector Erase command → 3-byte address on
SI → CS# goes high. The command sequence is shown in Figure21. CS# must be driven high after the eighth bit
of the last address byte has been latched in; otherwise the Sector Erase (SE) command is not executed. As soon
as CS# is driven high, the self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector
Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit.
The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A Sector Erase
(SE) command applied to a sector which is protected by the Block Protect (BP4, BP3, BP2, BP1 and BP0) bit (see
Table1 & Table1.1.) is not executed.
Page Program cycle is in progress, the Status Register may be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page Program cycle, and is 0 when it is
completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Fast Page Program (FPP) command is not executed when it is applied to a page protected by the Block
Protect (BP4, BP3, BP2, BP1, BP0).
Figure 20. Fast Page Program Sequence Diagram
Figure 21. Sector Erase Sequence Diagram
Command
0 1 2 3 4 5 6 7
20H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com