Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4408G Datasheet(PDF) 41 Page - Micronas

Part # MSP4408G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4408G Datasheet(HTML) 41 Page - Micronas

Back Button MSP4408G Datasheet HTML 37Page - Micronas MSP4408G Datasheet HTML 38Page - Micronas MSP4408G Datasheet HTML 39Page - Micronas MSP4408G Datasheet HTML 40Page - Micronas MSP4408G Datasheet HTML 41Page - Micronas MSP4408G Datasheet HTML 42Page - Micronas MSP4408G Datasheet HTML 43Page - Micronas MSP4408G Datasheet HTML 44Page - Micronas MSP4408G Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
41
58
46
54
VREFTOP
X
Reference voltage IF A/D converter
59
−−
NC
LV
Not connected
60
47
55
MONO_IN
IN
LV
Mono input
61
−−
AVSS
X
Analog ground
62
48
56
AVSS
X
Analog ground
63
−−
NC
LV
Not connected
64
−−
NC
LV
Not connected
65
−−
AVSUP
X
Analog power supply
+5V
66
49
57
AVSUP
X
Analog power supply
+5V
67
50
58
ANA_IN1
+
IN
LV
IF input 1
68
51
59
ANA_IN
−
IN
AVSS via
56 pF / LV
IF common (Can be left vacant, only if
IF input 1 is also not in use)
69
52
60
ANA_IN2
+
IN
AVSS via
56 pF / LV
IF input 2 (Can be left vacant, only if
IF input 1 is also not in use)
70
53
61
TESTEN
IN
AVSS
Test pin
71
54
62
XTAL_IN
IN
X
Crystal oscillator
72
55
63
XTAL_OUT
OUT
X / LV
Crystal oscillator (See also Section 4.3.
“Pin Descriptions” on page 42)
73
56
64
TP
LV
Test pin
74
57
1
AUD_CL_OUT
OUT
LV
Audio clock output (18.432 MHz)
75
58
2
NC
LV
Not connected
76
59
3
NC
LV
Not connected
77
60
4
D_CTR_I/O_1
IN/OUT
LV
D_CTR_I/O_1
78
61
5
D_CTR_I/O_0
IN/OUT
LV
D_CTR_I/O_0
79
62
6
ADR_SEL
IN
X
I2C Bus address select
80
63
7
STANDBYQ
IN
X
Stand-by (low-active)
Pin No.
Pin Name
Type
Connection
(if not used)
Short Description
PQFP
80-pin
PLQFP
64-pin
PSDIP
64-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com