Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4408G Datasheet(PDF) 3 Page - Micronas

Part # MSP4408G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4408G Datasheet(HTML) 3 Page - Micronas

  MSP4408G Datasheet HTML 1Page - Micronas MSP4408G Datasheet HTML 2Page - Micronas MSP4408G Datasheet HTML 3Page - Micronas MSP4408G Datasheet HTML 4Page - Micronas MSP4408G Datasheet HTML 5Page - Micronas MSP4408G Datasheet HTML 6Page - Micronas MSP4408G Datasheet HTML 7Page - Micronas MSP4408G Datasheet HTML 8Page - Micronas MSP4408G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
Contents, continued
Page
Section
Title
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
3
22
3.3.2.3.
Write Registers on I2C Subaddress 10hex
25
3.3.2.4.
Read Registers on I2C Subaddress 11hex
26
3.3.2.5.
Write Registers on I2C Subaddress 12hex
33
3.3.2.6.
Read Registers on I2C Subaddress 13hex
34
3.4.
Programming Tips
34
3.5.
Examples of Minimum Initialization Codes
34
3.5.1.
B/G-FM (A2 or NICAM)
34
3.5.2.
BTSC-Stereo
34
3.5.3.
BTSC-SAP with SAP at Main Channel
35
3.5.4.
FM-Stereo Radio
35
3.5.5.
Automatic Standard Detection
35
3.5.6.
Software Flow for Interrupt driven STATUS Check
37
4.
Specifications
37
4.1.
Outline Dimensions
39
4.2.
Pin Connections and Short Descriptions
42
4.3.
Pin Descriptions
45
4.4.
Pin Configurations
48
4.5.
Pin Circuits
50
4.6.
Electrical Characteristics
50
4.6.1.
Absolute Maximum Ratings
51
4.6.2.
Recommended Operating Conditions (TA = 0 to 70 °C)
51
4.6.2.1.
General Recommended Operating Conditions
51
4.6.2.2.
Analog Input and Output Recommendations
52
4.6.2.3.
Recommendations for Analog Sound IF Input Signal
53
4.6.2.4.
Crystal Recommendations
54
4.6.3.
Characteristics
54
4.6.3.1.
General Characteristics
55
4.6.3.2.
Digital Inputs, Digital Outputs
56
4.6.3.3.
Reset Input and Power-Up
57
4.6.3.4.
I2C-Bus Characteristics
58
4.6.3.5.
I2S-Bus Characteristics
60
4.6.3.6.
Analog Baseband Inputs and Outputs, AGNDC
62
4.6.3.7.
Sound IF Inputs
62
4.6.3.8.
Power Supply Rejection
63
4.6.3.9.
Analog Performance
66
4.6.3.10.
Sound Standard Dependent Characteristics
69
5.
Appendix A: Overview of TV-Sound Standards
69
5.1.
NICAM 728
70
5.2.
A2-Systems
71
5.3.
BTSC-Sound System
71
5.4.
Japanese FM Stereo System (EIA-J)
72
5.5.
FM Satellite Sound
72
5.6.
FM-Stereo Radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com