Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4408G Datasheet(PDF) 13 Page - Micronas

Part # MSP4408G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4408G Datasheet(HTML) 13 Page - Micronas

Back Button MSP4408G Datasheet HTML 9Page - Micronas MSP4408G Datasheet HTML 10Page - Micronas MSP4408G Datasheet HTML 11Page - Micronas MSP4408G Datasheet HTML 12Page - Micronas MSP4408G Datasheet HTML 13Page - Micronas MSP4408G Datasheet HTML 14Page - Micronas MSP4408G Datasheet HTML 15Page - Micronas MSP4408G Datasheet HTML 16Page - Micronas MSP4408G Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
13
2.5.2. Main and Aux Outputs
The Main and Aux output channels are adjustable in
volume. A square wave beeper with adjustable fre-
quency and volume can be added to them.
2.5.3. Quasi-Peak Detector
The Quasi-Peak Readout register can be used to read
out the quasi-peak level of any input source. The fea-
ture is based on following filter time constants:
– attack time: 1.3 ms
– decay time: 37 ms
2.6. SCART Signal Routing
2.6.1. SCART DSP In and SCART Out Select
The SCART DSP Input Select and SCART Output
Select blocks include full matrix switching facilities. To
design a TV set with four pairs of SCART-inputs and
two pairs of SCART-outputs, no external switching
hardware is required. The switches are controlled by
the ACB user register (see page 31).
2.6.2. Stand-by Mode
If the MSP 44x8G is switched off by first pulling
STANDBYQ low and then (after >1
µs delay) switching
off the 5-V, but keeping the 8-V power supply (‘Stand-
by’-mode), the SCART switches maintain their posi-
tion and function. This allows the copying from
selected SCART-inputs to SCART-outputs in the TV
set’s stand-by mode.
In case of power on or starting from stand-by (see
details on the power-up sequence in Fig. 4–20 on
page 56), all internal registers except the ACB register
(page 31) are reset to the default configuration (see
Table 3–5 on page 18). The reset position of the ACB
register becomes active after the first I2C transmission
into the Baseband Processing part (subaddress
12hex). By transmitting the ACB register first, the reset
state can be redefined.
2.7. I2S Bus Interfaces
The MSP 44x8G has two kinds of interfaces: synchro-
nous master/slave input/output interfaces running on
48 kHz and an asynchronous slave interface.
The interfaces accept a variety of formats with different
sample width, bit-orientation, and wordstrobe timing.
All I2S options are set by means of the MODUS or
I2S_CONFIG register.
2.7.1. Synchronous I2S-Interface(s)
The synchronous I2S bus interface consists of the
pins:
– I2S_DA_IN1, I2S_DA_IN2/3 (I2S_DA_IN2 in
PQFP80 package):
I2S serial data input, 16, 18...32 bits per sample.
– I2S_DA_OUT:
I2S serial data output, 16, 18...32 bits per sample.
– I2S_CL:
I2S serial clock.
– I2S_WS:
I2S word strobe signal defines the left and right
sample.
If the MSP 44x8G serves as the master on the I2S
interface, the clock and word strobe lines are driven by
the MSP. In this mode, only 16, 32 bits per sample can
be selected. In slave mode, these lines are input to the
MSP 44x8G and the MSP clock is synchronized to
384 times the I2S_WS rate (48 kHz). NICAM operation
is not possible in slave mode.
An I2S timing diagram is shown in Fig. 4–22 on
page 59.
2.7.2. Asynchronous I2S-Interface
The asynchronous I2S slave interface allows the
reception of digital stereo signals with arbitrary sample
rates from 5 to 50 kHz. The synchronization is per-
formed by means of an adaptive sample rate con-
verter. No oversampling clock is required.
The following pins are used for the asynchronous I2S
bus interface:
– I2S_WS3 (serves only as input)
– I2S_CL3 (serves only as input)
– I2S_DA_IN2/3 (I2S_DA_IN3 in PQFP80 package).
The interface accepts I2S-input streams with MSB first
and with sample widths of 16,18...32 bits. With left/
right alignment and wordstrobe timing polarity, there
are additional parameters available for the adaption to
a variety of formats in the I2S-CONFIG register (see
page 24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com