Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458G Datasheet(PDF) 12 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 12 Page - Micronas

Back Button MSP4458G Datasheet HTML 8Page - Micronas MSP4458G Datasheet HTML 9Page - Micronas MSP4458G Datasheet HTML 10Page - Micronas MSP4458G Datasheet HTML 11Page - Micronas MSP4458G Datasheet HTML 12Page - Micronas MSP4458G Datasheet HTML 13Page - Micronas MSP4458G Datasheet HTML 14Page - Micronas MSP4458G Datasheet HTML 15Page - Micronas MSP4458G Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
12
Micronas
2.3. Preprocessing for SCART and
I2S Input Signals
The SCART and I2S inputs need only be adjusted in
level by means of the SCART and I2S prescale regis-
ters.
2.4. Source Selection and Output Channel Matrix
The Source Selector makes it possible to distribute all
source signals (one of the demodulator source chan-
nels, SCART, or I2S input) to the desired output chan-
nels (Main, Aux, etc.). All input and output signals can
be processed simultaneously. Each source channel is
identified by a unique source address.
For each output channel, the output channel matrix
can be set to sound A, sound B, stereo, or mono.
If Automatic Sound Select is on, the output channel
matrix can stay fixed to stereo (transparent) for demod-
ulated signals.
2.4.1. Mixing Unit
Any source can be selected as the input for the two
channels of the Mixing unit. The mixer channel matri-
ces and the scaling factors can be programmed sepa-
rately for each channel.
After adding up both channels, the signal is fed back
and is available as source 15 (Mix output) of the
Source Selector.
2.5. Audio Baseband Processing
2.5.1. Automatic Volume Correction (AVC)
Different sound sources (e.g. terrestrial channels, SAT
channels, or SCART) fairly often do not have the same
volume level. Advertisements during movies usually
have a higher volume level than the movie itself. This
results in annoying volume changes. The AVC solves
this problem by equalizing the volume level.
In the standard configuration the AVC block is located
in the main channel. Alternatively, the AVC function
can be moved to the mixer path.
To prevent clipping, the AVC’s gain decreases quickly
in dynamic boost conditions. To suppress oscillation
effects, the gain increases rather slowly for low-level
inputs. The decay time is programmable by the AVC
register (see page 29).
For input signals ranging from
−24 dBr to 0 dBr, the
AVC maintains a fixed output level of
−18 dBr. Fig. 2–4
shows the AVC output level versus its input level. For
prescale and volume registers set to 0 dB, a level of
0 dBr corresponds to full scale input/output. This is
– SCART input/output 0 dBr
= 2.0 V
rms
– Main and Aux output 0 dBr
= 1.4 V
rms
Fig. 2–4: Simplified AVC characteristics
−30
−24
−18
−12
−6
+6
input level
−18
−24
−12
output level
0
[dBr]
[dBr]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com