Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458G Datasheet(PDF) 20 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 20 Page - Micronas

Back Button MSP4458G Datasheet HTML 16Page - Micronas MSP4458G Datasheet HTML 17Page - Micronas MSP4458G Datasheet HTML 18Page - Micronas MSP4458G Datasheet HTML 19Page - Micronas MSP4458G Datasheet HTML 20Page - Micronas MSP4458G Datasheet HTML 21Page - Micronas MSP4458G Datasheet HTML 22Page - Micronas MSP4458G Datasheet HTML 23Page - Micronas MSP4458G Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
20
Micronas
3.3.2. Description of User Registers
Table 3–7: Standard Codes for STANDARD SELECT register
MSP Standard
Code
(Data in hex)
TV Sound Standard
Sound Carrier
Frequencies in
MHz
MSP 44x8G
Version
Automatic Standard Detection
00 01
Start Automatic Standard Detection
all
Standard Selection
00 02
M-Dual FM-Stereo
4.5/4.724212
4408, 4418, 4448,
4458
00 03
B/G-Dual FM-Stereo1)
5.5/5.7421875
4408, 4418, 4458
00 04
D/K1-Dual FM-Stereo2)
6.5/6.2578125
00 05
D/K2-Dual FM-Stereo2)
6.5/6.7421875
00 06
D/K-FM-Mono with HDEV33), not detectable by
Automatic Standard Detection, for China
HDEV33) SAT-Mono (i.e. Eutelsat,
see Table 6–12)
6.5
00 07
D/K3-Dual FM-Stereo
6.5/5.7421875
4408, 4418, 4458
00 08
B/G-NICAM-FM1)
5.5/5.85
4418, 4458
00 09
L-NICAM-AM
6.5/5.85
00 0A
I-NICAM-FM
6.0/6.552
00 0B
D/K-NICAM-FM2)
6.5/5.85
00 0C
D/K-NICAM-FM with HDEV24), not detectable by
Automatic Standard Detection, for China
6.5/5.85
00 0D
D/K-NICAM-FM with HDEV33), not detectable by
Automatic Standard Detection, for China
6.5/5.85
4418, 4458
00 20
BTSC-Stereo
4.5
4438, 4448, 4458
00 21
BTSC-Mono
+ SAP
00 30
EIA-J Japan Stereo
4.5
4448, 4458
00 40
FM-Stereo Radio
10.7
4438, 4448, 4458
00 50
SAT-Mono (see Table 6–12)
6.5
4408, 4418, 4458
00 51
SAT-Stereo (see Table 6–12)
7.02/7.20
4408, 4418, 4458
00 60
SAT ADR (Astra Digital Radio)
6.12
4408, 4418, 4458
1) In case of Automatic Sound Select, the B/G-codes 3
hex and 8hex are equivalent.
2) In case of Automatic Sound Select, the D/K-codes 4
hex, 5hex, 7hex and Bhex are equivalent.
3) HDEV3: Max. FM deviation must not exceed 540 kHz
4) HDEV2: Max. FM deviation must not exceed 360 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com