Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1617 Datasheet(PDF) 6 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TCM1617 Datasheet HTML 2Page - Microchip Technology TCM1617 Datasheet HTML 3Page - Microchip Technology TCM1617 Datasheet HTML 4Page - Microchip Technology TCM1617 Datasheet HTML 5Page - Microchip Technology TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology TCM1617 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SMBus Thermal Sensor with External Diode Input
TCM1617
TCM1617-1
2/5/99
 2001 Microchip Technology Inc.
DS21485A
Standby Mode Operation
STBY#
Chip Stop Bit
One Shot?
Operating Mode
0
Don’t Care
Don’t Care
Standby
1
0
Don’t Care
Normal
1
1
No
Standby
1
1
Yes
Normal
(1 Conversion Only,
then Standby)
remains active, and all registers may be read from and
written to normally. The INT_TEMP and EXT_TEMP regis-
ters will contain whatever data was valid at the time of
Standby. (Transitions on SDA or SCL due to external bus
activity may increase the Standby power consumption.)
D+
Bi-directional. this pin connects to the anode of the
external diode and is the positive A/D input. Current is
injected into the external diode from the TCM1617, and the
temperature proportional VBE is measured and converted to
digital temperature data.
D–
Bi-directional. This pin connects to the cathode of the
external diode. Current is sunk from the external diode into
the TCM1617 through this pin. It also is the negative input
terminal to the TCM1617’s A/D converter. This node is kept
at approximately 0.7V above GROUND.
VDD
Input. Power supply input. See electrical specifications.
GND
Input. Ground return for all TCM1617 functions.
FUNCTIONAL DESCRIPTION
The TCM1617 acquires and converts temperature infor-
mation from two separate sources, both silicon junction
diodes, with a basic accuracy of
±1°C. One is located on the
TCM1617 die; the other is connected externally. The exter-
nal diode may be located on another IC die. The analog-to-
digital converter on the TCM1617 alternately converts tem-
perature data from the two sensors and stores them sepa-
rately in internal registers.
The system interface is a slave SMBus port with an
ALERT# (SMBALERT#) interrupt output. The interrupt is
triggered when one or more of four preset temperature
thresholds are tripped (see Figure 1). These four thresholds
are user-programmable via the SMBus port. Additionally,
the temperature data can be read at any time through the
SMBus port. Nine SMBus addresses are programmable for
the TCM1617, which allows for a multi-sensor configuration.
Also, there is low-power Standby mode where temperature
acquisition is suspended.
STANDBY MODE
The TC1617 allows the host to put it into a low power
mode (IDD = 10 µA, max) Standby mode. In this mode, the
A/D converter is halted, and the temperature data registers
are frozen. The SMBus port operates normally. Standby
mode can be enabled with either the STBY# input pin or the
CHIP STOP bit in the CONFIG register. The following table
summarizes this operation.
Figure 1. Temperature-vs-Setpoint Event Generation
SMBUS SLAVE ADDRESS
The two pins ADD1 and ADD0 are tri-state input pins
which determine the 7-Bit SMBus slave address of the
TCM1617. The address is latched during POR.
SERIAL PORT OPERATION
Time
EXT_HLIM
INT_HLIM
EXT_LLIM
INT_LLIM
EXT_TEMP
INT_TEMP
ASSERT
ALERT#
ALERT#
ASSERT
ALERT#
ASSERT
ALERT#
ASSERT
ALERT#
Note: This diagram inplies that the appropriate setpoint is moved, temporarily, after each ALERT#
event to suppress re-assertion of ALERT# immediately after the ARA/de-assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com