Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1617 Datasheet(PDF) 12 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology TCM1617 Datasheet HTML 10Page - Microchip Technology TCM1617 Datasheet HTML 11Page - Microchip Technology TCM1617 Datasheet HTML 12Page - Microchip Technology TCM1617 Datasheet HTML 13Page - Microchip Technology TCM1617 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
SMBus Thermal Sensor with External Diode Input
TCM1617
TCM1617-1
2/5/99
 2001 Microchip Technology Inc.
DS21485A
Status Register (Status), 8-Bits, Read Only:
Status Register (Status)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Busy
Flag1
Flag2
Flag3
Flag4
Flag5
Reserved
Bit
POR
Function
Operation*
State
D[7]
0
Signal A/D
1 = A/D busy,
converter is busy.
0 = A/D idle
D[6]
0
Interrupt flag for
1 = interrupt occurred,
INT_HLIM event
0 = none
D[5]
0
Interrupt flag for
1 = interrupt occurred,
INT_LLIM event
0 = none
D[4]
0
Interrupt flag for
1 = interrupt occurred,
EXT_HLIM event
0 = none
D[3]
0
Interrupt flag for
1 = interrupt occurred,
EXT_LLIM event
0 = none
D[2]
0
External diode
1 = external diode fault,
“fault” flag
0 = external diode OK
D[1:0]
0
Reserved –
N/A
Always
returns zero.
NOTE: All status bits are cleared after a read operation is performed on
STATUS. The EXT_TEMP register will read +127
°C if an external
diode “open” is detected.
Name
Description
POR
Read Write
State
INT_TEMP
Internal sensor
0000 0000b*

temperature
(2’s complement)
EXT_TEMP
External sensor
0000 0000b*

temperature
(2’s complement)
STATUS
STATUS register
0000 0000b

CONFIG
CONFIG register
0000 0000b

CONV_RATE A/D conversion
0000 0010b

rate register
INT_HLIM
Internal high
0111 1111b

limit
(2’s complement)
INT_LLIM
Internal low
1100 1001b

limit
(2’s complement)
EXT_HLIM
External high
0111 1111b

limit
(2’s complement)
EXT_LLIM
External low
1100 1001b

limit
(2’s complement)
MFR_ID
ASCII for letter “T” 0101 0100b

(Microchip)
MFR_REV
Serial device
**

revision#
NOTE: *The INT_TEMP and EXT_TEMP register immediately will be
updated by the A/D converter after POR. If STBY# is low at power-
up, INT_TEMP and EXT_TEMP will remain in POR state (0000
0000b). **MFR_REV will sequence 01h, 02h, 03h, etc. by mask-
ing changes.
The TCM1617’s register set is summarized below. All
registers are 8-bits wide.
Manufacturer’s Identification Register (MFR_ID)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
XX
XX
X
X
LSB
Manufacturer’s Identification Register
(MFR_ID), 8-Bits, Read Only:
Manufacturer’s Revision Register (MFR_REV)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
X
X
X
X
X
X
LSB
Manufacturer’s Revision Register
(MFR_REV), 8-Bits, Read Only:
Register Set Summary:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com