Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1617 Datasheet(PDF) 10 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology TCM1617 Datasheet HTML 10Page - Microchip Technology TCM1617 Datasheet HTML 11Page - Microchip Technology TCM1617 Datasheet HTML 12Page - Microchip Technology TCM1617 Datasheet HTML 13Page - Microchip Technology TCM1617 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SMBus Thermal Sensor with External Diode Input
TCM1617
TCM1617-1
2/5/99
 2001 Microchip Technology Inc.
DS21485A
Stop Condition (STOP)
Communications must be terminated by a stop condi-
tion (a Low to High transition of SDA while SCL is High). The
Stop Condition must be communicated by the transmitter to
the TCM1617. (Refer to TCN75 data sheet for serial bus
timing diagrams.)
REGISTER SET AND PROGRAMMER’S
MODEL
TCM1617 Command Set
The TCM1617 supports four SMBus command proto-
cols. These are READ_BYTE, WRITE_BYTE, SEND_BYTE,
and RECEIVE_BYTE. See System Management Bus Speci-
fication Rev. 1.0 for details.
Command Byte Description
Command
Code
Function
RIT
00h
Read Internal Temp (INT_TEMP)
RET
01h
Read External Temp (EXT_TEMP)
RS
02h
Read Status Byte (STATUS)
RC
03h
Read Configuration Byte (CONFIG)
RCR
04h
Read Conversion Rate Byte
(CONV_RATE)
RIHL
05h
Read Internal High Limit
(INT_HLIM)
RILL
06h
Read Internal Low Limit (INT_LLIM)
REHL
07h
Read External High Limit
(EXT_HLIM)
RELL
08h
Read External Low Limit
(EXT_LLIM)
WC
09h
Write Configuration Byte (CONFIG)
WCR
0Ah
Write Conversion Rate Byte
(CONV_RATE)
WIHL
0Bh
Write Internal High Limit
(INT_HLIM)
WILL
0Ch
Write Internal Low Limit (INT_LLIM)
WEHL
0Dh
Write External High Limit
(EXT_HLIM)
WELL
0Eh
Write External Low Limit
(EXT_LLIM)
OSHT
0Fh
One Shot Temp Measurement
RMID
FEh
Read Manufacturer ID (MFR_ID)
RMREV
FFh
Read Manufacturer Revision
Number (MFR_REV)
Configuration Register (Config), 8-Bits,
Read/Write
Configuration Register (Config)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Mask1 Chip Stop
Reserved
Bit
POR State Function
Operation
D[7]
0
Interrupt Mask
1 = mask ALERT#,
(see text)
0 = don’t mask
ALERT #
D[6]
0
Standby switch
1 = standby,
0 = normal
D[5] – D[0]
0
Reserved –
N/A
Always returns
zero when read.
A/D Conversion Rate Register
(CONV_RATE), 8-Bits, Read/Write
A/D Conversion Rate Register (CONV_RATE)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Reserved
MSB
X
LSB
Bit
POR State Function
Operation
D[7:3]
0
Reserved – Always
N/A
returns zero when
read.
D[2:0]
010b
Conversion rate bits.
See below.
A/D Conversion Rate Selection
D2
D1
D0
Conversion Rate
Sa/sec
0
0
0
0.0625
0
0
1
0.125
0
1
0
0.25
011
0.5
100
1.0
101
2.0
110
4.0
111
8.0
NOTE: Conversion rate denotes actual sampling of both internal
and
external sensors.
NOTE: Proper device operation is NOT guaranteed if undefined locations
(10h to FDh) are addressed. In case of erroneous SMBus operation
(RECEIVE_BYTE command issued immediately after
WRITE_BYTE command) the TCM1617 will ACKnowledge the
address and return 1111 1111b to signify an error. Under no
condition will it implement an SMBus “timeout.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com