Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT86C926 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT86C926
Description  AMAZON PCI ETHERNET CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT86C926 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT86C926 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VIA TECHNOLOGIES, INC.PRELIMINARY VT86C926
3
VT86C926 AMAZON
PCI ETHERNET CONTROLLER FEATURES
* Single chip Ethernet controller for PCI bus interface
* Software compatible to NE2000+, NE2000
* Support 35ns access time SRAM
* Integrated 10BaseT TP interface
--
Built-in pre-equalization circuitry for transmitter
--
smart squelch circuit with programmable threshold for receiver
--
Selective Link integrity test and link disable
--
Selective polarity detection and correction
--
Automatic selection between TP and AUI interfaces
* Full IEEE 802.3 AUI interface
--
Meet 10Base5 and 10Base2 standards
--
Thin-net or Thick-net enable signal
* Jumper or Jumperless configuration
--
Jumperl2ess configuration with EEPROM
--
Jumper configuration with EEPROM storing Ethernet Address
* Direct drive to 4 status LED indicators: transmit, receive, collision, and Thin select
--
Transmit LED for packet transmitting status and power indicator
--
Receive LED for packet receiving status and Link status
--
Collision LED for collision status
--
Thin select LED for Thin 10Base-2 port select
* ISA NE2000 compatible mode, register compatible to National Semiconductor DP83905 & DP83906
* Optional Full duplex operation with speed up to 20Mbps
* Early receive interrupt allows parallel processing of data during receiving
* Early transmit correction ability allows parallel processing of data during transmission
* Support 16K, 32K Bootrom size
* Support PCI 32-bit data path transfaer with enhance 32-bit driver
* Software controllable power down feature
* Single +5V supply, 0.8um standard CMOS technology
* 100 pin PQFP package
Buffer
RAM
Boot
ROM
Config.
EEPROM
M-Bus Arbitrator
Data Bus FIFO
for Remote DMA
Remote
DMA
Registers
State
Machine
&
Local
DMA
Registers
&
State
Machine
&
Buffer
Mgmt.
PCI CFG
Configuration
Registers &
EEPROM Control
Shadow Ethernet
Address PROM
Page 1 Registers
&
Tally Counters
MAC Receiver
Protocol State
Machine &
Registers
Protocol State
Machine &
Registers
MAC Xmitter
PLL &
EnDec
TP MAU
Interface
AUI
LED &
Testing
MA0-14
MD0-7
_MSRD,
_MSWR,
EECS
RD+,RD-
TD+,TD-
RX+,RX-
TX+,TX-
CI+,CI-
THIN
MA0 - MA14
MD0 - MD7
Rcv. Data
Xmt Data
Internal Bus
_RXLED,
_TXLED,
_COLED
PCI
Bus
AD[31:0]
PCICLK
PCIRST#
INTA#
CBE#[3:0]
IDSEL
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
PAR
Interface
Unit
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com