Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT86C926 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT86C926
Description  AMAZON PCI ETHERNET CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT86C926 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT86C926 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VIA TECHNOLOGIES, INC.PRELIMINARY VT86C926
7
External Memory Support
75-72,
67-58,
55
MA0-MA13,
MA14
O
Memory Support Address Bus: When RESET is inactive these pins
drive the memory support address bus. These 15 address lines cover up
to 16K bytes memory space. When RESET is active these pins are used
for jumper setting. There are 100K pull-down device on pins.
52-45
MD0-MD7
I/O
Memory Support Data Bus: When RESET is inactive these pins can be
used to access external memory. When RESET is active pin MD3 to
MD7 are used for jumper setting. There are 100K pull-down device on
pins. MD0 to MD2 are used for EEPROM programming interface.
57
MSRD#
O
Memory Support Bus Read: Strobes data from external RAM into
VT86C926 controller via the memory support data bus. (Note 1)
Note 1: The Chip Select of external buffer RAM is always enabled.
56
MSWR#
O
Memory Support Bus Write: Strobes data from VT86C926 controller
into the external RAM via the memory support data bus. A 100K pull-
down device is connected.
54
BPCS#
O
Boot PROM Chip Select: Select the Boot ROM on the memory support
data bus. The ROM address bus is connected to SA bus directly.
53
EECS
O
EEPROM Chip Select: Chip select signal for the external EEPROM
when a EEPROM is used to provide the configuration data and
Ethernet Address. A 100K pull-up resistor is connected.
Power Supply & Ground
14, 42, 93,
71
VDD, VDDIF,
VDD
P
Positive 5V Supply: Supply power to Internal digital logic, Digital I/O
pads, and TD, TX pads. Double bonding may be required.
15, 41, 94,
70
VSS, VSSIF,
VSS
G
Negative Supply: digital ground. Multiple bonding pads are required to
separate core and I/O pads ground.
88
VDDA
P
Analog 5V Supply: Supply power to Analog circuit and RX, CI, RD
pads. Seperate power plane may be required.
87
VSSA
G
Negative Supply: Analog ground. Sepearte ground plane may be
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com