Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5341 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 41Page - Silicon Laboratories SI5341_16 Datasheet HTML 42Page - Silicon Laboratories SI5341_16 Datasheet HTML 43Page - Silicon Laboratories SI5341_16 Datasheet HTML 44Page - Silicon Laboratories SI5341_16 Datasheet HTML 45Page - Silicon Laboratories SI5341_16 Datasheet HTML 46Page - Silicon Laboratories SI5341_16 Datasheet HTML 47Page - Silicon Laboratories SI5341_16 Datasheet HTML 48Page - Silicon Laboratories SI5341_16 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
10.2 Si5340 7x7 mm 44-QFN Package Diagram
The figure below illustrates the package details for the Si5340. The table below lists the values for the dimensions shown in the illustra-
tion.
Figure 10.2. 44-Pin Quad Flat No-Lead (QFN)
Table 10.2. Package Dimensions
Dimension
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D
7.00 BSC
D2
5.10
5.20
5.30
e
0.50 BSC
E
7.00 BSC
E2
5.10
5.20
5.30
L
0.30
0.40
0.50
aaa
0.15
bbb
0.10
ccc
0.08
ddd
0.10
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to the JEDEC Solid State Outline MO-220.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.
Si5341/40 Rev D Data Sheet
Package Outlines
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com