Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5341 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 18Page - Silicon Laboratories SI5341_16 Datasheet HTML 19Page - Silicon Laboratories SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories SI5341_16 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Note:
1. Voltage swing is specified as single-ended mVpp.
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm
2. Imposed for jitter performance.
3. Pulsed CMOS mode is intended primarily for single-ended LVCMOS input clocks < 1 MHz, which must be dc-coupled because
they have a duty cycle significantly less than 50%. A typical application example is a low frequency video frame sync pulse. Since
the input thresholds (VIL, VIH) of this buffer are non-standard (0.4 and 0.8 V, respectively), refer to the input attenuator circuit for
DC-coupled Pulsed LVCMOS in the Family Reference Manual. Otherwise, for standard LVCMOS input clocks, use the Standard
AC-Coupled, Single-ended input mode.
4. DC-coupled CMOS Input Buffer selection is not supported in ClockBuilder Pro for new designs. For single-ended LVCMOS inputs
to IN0,1,2 it is required to ac-couple into the differential input buffer.
Table 5.4. Control Input Pin Specifications
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, VDDS=3.3V ± 5%, 1.8V ± 5%, TA=-40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Si5341 Control Input Pins (I2C_SEL, IN_SEL[1:0], RSTb, OEb, SYNCb, A1, SCLK, A0/CSb, FINC, FDEC, SDA/SDIO)
Input Voltage
VIL
0.3xVDDIO1
V
VIH
0.7xVDDIO1
V
Input Capacitance
CIN
2
pF
Input Resistance
RIN
20
kW
Minimum Pulse Width
TPW
RSTb, SYNCb, FINC, and
FDEC
100
ns
Frequency Update Rate
FUR
FINC and FDEC
1
MHz
Si5340 Control Input Pins (I2C_SEL, IN_SEL[1:0], RSTb, OEb, A1, SCLK, A0/CSb, SDA/SDIO)
Input Voltage
VIL
0.3xVDDIO1
V
VIH
0.7xVDDIO1
V
Input Capacitance
CIN
2
pF
Input Resistance
RIN
20
kW
Minimum Pulse Width
TPW
RSTb only
100
ns
Note:
1. VDDIO is determined by the IO_VDD_SEL bit. It is selectable as VDDA or VDD. Refer to the Family Reference Manual for more
details on register settings.
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com