Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5341 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 29Page - Silicon Laboratories SI5341_16 Datasheet HTML 30Page - Silicon Laboratories SI5341_16 Datasheet HTML 31Page - Silicon Laboratories SI5341_16 Datasheet HTML 32Page - Silicon Laboratories SI5341_16 Datasheet HTML 33Page - Silicon Laboratories SI5341_16 Datasheet HTML 34Page - Silicon Laboratories SI5341_16 Datasheet HTML 35Page - Silicon Laboratories SI5341_16 Datasheet HTML 36Page - Silicon Laboratories SI5341_16 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Table 5.14. Absolute Maximum Ratings1, 2, 3, 4
Parameter
Symbol
Test Condition
Value
Units
Storage Temperature Range
TSTG
-55 to +150
°C
DC Supply Voltage
VDD
-0.5 to 3.8
V
VDDA
-0.5 to 3.8
V
VDDO5
-0.5 to 3.8
V
Input Voltage Range
VI1
IN0-IN2, FB_IN
-0.85 to 3.8
V
VI2
IN_SEL[1:0], RSTb, OEb,
SYNCb, I2C_SEL, SDI, SCLK,
A0/CSb, A1, SDA/SDIO, FINC/
FDEC
-0.5 to 3.8
V
VI3
XA/XB
-0.5 to 2.7
V
Latch-up Tolerance
LU
JESD78 Compliant
ESD Tolerance
HBM
100 pF, 1.5 kΩ
2.0
kV
Maximum Junction Temperature in Operation
TJCT
125
°C
Soldering Temperature (Pb-free profile)5
TPEAK
260
°C
Soldering Temperature Time at TPEAK
(Pb-free profile)5
TP
20 to 40
sec
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be restricted to
the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
2. 64-QFN and 44-QFN packages are RoHS-6 compliant.
3. Moisture sensitivity level is MSL2. For more packaging information, go to the Silicon Labs RoHS information page.
4. The minimum voltage at these pins can be as low as –1.0 V when an AC input signal of 10 MHz or greater is applied. See Table
5.3 Input Clock Specifications on page 20 spec for single-ended AC-coupled fIN < 250 MHz.
5. The device is compliant with JEDEC J-STD-020.
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com