Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5801 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 5Page - Texas Instruments CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments CDC5801 Datasheet HTML 11Page - Texas Instruments CDC5801 Datasheet HTML 12Page - Texas Instruments CDC5801 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
jitter specification over recommended operating free-air temperature range and VCC (unless
otherwise noted) (continued)
PARAMETER
CLKOUT
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(jitter)
(Multiplication with phase alignment and
programmable delay features selected.
See Figure 2.)
500 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Phase jitter (accumulated, 50 kHz to 80 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
2.9
24
9
9
20
20
ps
MULT0:1 = 11
(Divider
12.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
12.0
75
55
55
ps
(Divider
ratio = 4)
15.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
8.0
50
38
38
ps
t(jitter)
(Di id
d
ith
MULT0:1 = 10
(Divider
25.0 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
7.5
50
35
35
ps
(j
)
(Divider mode with
phase aligner not active:
DLYCTRL =LEADLAG =
0 or 1. See Figure 2.)
(Divider
ratio = 3)
31.0 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
5.5
30
23
23
ps
MULT0:1 = 00
(Divider
50.0 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
8.0
40
12
30
30
ps
(Divider
ratio = 2)
62.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
5.5
28
9
24
24
ps
MULT0:1 = 11
(Divider
12.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
12.5
80
55
55
ps
t(jitter)
(Divider mode with
phase alignment and
(Divider
ratio = 4)
15.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
8.5
55
38
38
ps
hase alignment and
programmable delay
features selected. See
Figure 2.)
MULT0:1 = 10
(Divider
25.0 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
10.0
60
35
35
ps
(Divider
ratio = 3)
31.0 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Cycle-to-cycle (+)
Cycle-to-cycle (–)
7.0
40
23
23
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com