Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5801 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 4 Page - Texas Instruments

  CDC5801 Datasheet HTML 1Page - Texas Instruments CDC5801 Datasheet HTML 2Page - Texas Instruments CDC5801 Datasheet HTML 3Page - Texas Instruments CDC5801 Datasheet HTML 4Page - Texas Instruments CDC5801 Datasheet HTML 5Page - Texas Instruments CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLKOUT
20
O
Output clock
CLKOUTB
18
O
Output clock (complement)
DLYCTRL
7
I
Every rising edge on this terminal delays/advances the CLKOUT/CLKOUTB signal by 1/384th of the
CLKOUT/CLKOUTB period. (e.g., for a 90 degree delay or advancement one needs to provide 96 rising
edges). See Table 4.
GND
5
GND for VDDREF and VDDPD
GNDO
17, 21
GND for clock output terminals (CLKOUT, CLKOUTB)
GNDP
4
GND for PLL
GNDPA
8
GND for phase aligner
LEADLAG
6
I
Decides if the output clock is delayed or advanced with respect to REFCLK. See Table 4.
MULT0/DIV0
15
I
PLL multiplier and divider select
MULT1/DIV1
14
I
PLL multiplier and divider select
NC
19
Not used
PWRDNB
12
I
Active low power down state, CLKOUT/CLKOUTB goes low
P0
24
I
Mode control, see Function Table
P1
23
I
Mode control, see Function Table
P2
13
I
Mode control, see Function Table
REFCLK
2
I
Reference input clock
STOPB
11
I
Active low output disabler, PLL and PA still running, CLKOUT and CLKOUTB goes to a dc value as per Table 3
VDDPA
9
I
Supply voltage for phase aligner
VDDPD
10
I
Reference voltage for the DLYCTRL, LEADLAG terminals and STOPB function
VDDREF
1
I
Reference voltage for REFCLK
VDDO
16, 22
I
Supply voltage for the output terminals (CLKOUT, CLKOUTB)
VDDP
3
I
Supply voltage for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com