Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5801 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments CDC5801 Datasheet HTML 11Page - Texas Instruments CDC5801 Datasheet HTML 12Page - Texas Instruments CDC5801 Datasheet HTML 13Page - Texas Instruments CDC5801 Datasheet HTML 14Page - Texas Instruments CDC5801 Datasheet HTML 15Page - Texas Instruments CDC5801 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLKOUTB
CLKOUT
tcycle,i
tcycle,i+1
Cycle-to-Cycle Jitter = | tcycle,i – tcycle,i+r| Over 1000 Consecutive Cycles
Figure 2. Cycle-to-Cycle Jitter
CLKOUT
CLKOUTB
tpw+
tcycle
Duty Cycle = (tpw+/tcycle)
Figure 3. Output Duty Cycle
CLKOUT
CLKOUTB
VX+
VX, nom
VX–
Figure 4. Crossing-Point Voltage
80%
tf
tr
20%
VOL
VOH
Figure 5. Voltage Waveforms
PWRDNB
CLKOUT/
CLKOUTB
t(power down)
t(power up)
Figure 6. PWRDNB Transition Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com