Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5525 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5525 Datasheet HTML 14Page - Cirrus Logic CS5525 Datasheet HTML 15Page - Cirrus Logic CS5525 Datasheet HTML 16Page - Cirrus Logic CS5525 Datasheet HTML 17Page - Cirrus Logic CS5525 Datasheet HTML 18Page - Cirrus Logic CS5525 Datasheet HTML 19Page - Cirrus Logic CS5525 Datasheet HTML 20Page - Cirrus Logic CS5525 Datasheet HTML 21Page - Cirrus Logic CS5525 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
CS5525 CS5526
18
DS202F3
VREF- as shown in Figure 12. For any input range
other than the 2.5 V range, the modulator gain error
can not be completely calibrated out. This is due to
the lack of an accurate full scale voltage internal to
the chips. The 2.5 V range is an exception because
the external reference voltage is 2.5 V nominal and
is used as the full scale voltage. In addition, when
self-calibration of gain is performed in the 25 mV,
55 mV, and 100 mV input ranges, the instrumenta-
tion amplifier’s gain is not calibrated. These two
factors can leave the converters with a gain error of
up to ±20% after self-calibration of gain. There-
fore, a system gain is required to get better accura-
cy, except for the 2.5 V range.
System Calibration
For the system calibration functions, the user must
supply the converters calibration signals which rep-
resent ground and full scale. When a system offset
calibration is performed, a ground reference signal
must be applied to the converter. See Figures 13
and 14. As shown in Figures 15 and 16, the user
must input a signal representing the positive full
scale point to perform a system gain calibration. In
either case, the calibration signals must be within
the specified calibration limits for each specific
calibration step (refer to the System Calibration
Specifications).
AIN +
AIN -
O PEN
+
-
X20
+
-
O PEN
CL O SE D
VR EF +
CL O SE D
VR EF -
+
-
R e fe rence
Figure 12. Self Calibration of Gain (All Ranges).
+
-
X20
+
-
Exte rnal
C onnections
0V
+
-
AIN+
AIN-
CM +-
Figure 13. System Calibration of Offset (Low Ranges).
+
-
X2 0
+
-
Exte rna l
Connections
+
-
AIN+
AIN -
CM
+
-
0V
Figure 14. System Calibration of Offset (High Ranges).
+
-
X20
+
-
Exte rna l
C onnectio ns
F u ll S ca le
+
-
AIN+
AIN -
CM
+
-
Figure 15. System Calibration of Gain (Low Ranges)
+
-
X20
+
-
Ext e rna l
Co n ne c tio ns
F u ll S ca le
+
-
AIN +
AIN -
CM
+
-
Figure 16. System Calibration of Gain (High Ranges).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com