| Electronic Components Datasheet Search |
|
CS5525 Datasheet(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5525 Datasheet(HTML) 19 Page - Cirrus Logic |
|
19 / 29 page ![]() CS5525 CS5526 DS202F3 19 Assuming a system can provide two known voltag- es, equations can allow the user to manually com- pute the calibration register’s values based on two uncalibrated conversions. The offset and gain cali- bration registers are used to adjust a typical conver- sion as follows: Rc = (Ru + Co>>4) * Cg / 223. Calibration can be performed using the following equations: Co = (Rc0/G - Ru0) << 4 Cg = 223 * G where G = (Rc1 - Rc0)/(Ru1-Ru0). Note: Uncalibrated conversions imply that the gain and offset registers are at default {gain register = 0x800000 (Hex) and offset register = 0x000000 (Hex)}. The variables are defined below. V0 = First calibration voltage V1 = Second calibration voltage (greater than V0) Ru = Result of any uncalibrated conversion Ru0 = Result of uncalibrated conversion V0 (20-bit integer or 2’s complement) Ru1 = Result of uncalibrated conversion of V1 (20-bit integer or 2’s complement) Rc = Result of any conversion Rc0 = Desired calibration result of converting V0 (20-bit integer or 2’s complement) Rc1 = Desired calibration result of converting V1 (20-bit integer or 2’s complement) Co = Offset calibration register value (24-bit 2’s complement) Cg = Gain calibration register value (24-bit integer) >> = The shift right operator (e.g. x >>2 is x shift- ed right 2 bits) << = The shift left operator (e.g. x<<2 is x shifted left 2 bits) Note: The shift operators are used here to align the decimal points of words of various lengths. Data to the right of the decimal point may be used in the calculations shown. For the CS5525 all conversion results (Ru, Rc...) are 16 bits instead of 20 bits. To get the equations to work correctly pad the 16 bit results with four zeros (on the right). Calibration Tips Calibration steps are performed at the output word rate selected by the WR2-WR0 bits of the configu- ration register. Since higher word rates result in conversion words with more peak-to-peak noise, calibration should be performed at lower output word rates. Also, to minimize digital noise near the devices, the user should wait for each calibra- tion step to be completed before reading or writing to the serial port. For maximum accuracy, calibrations should be per- formed for offset and gain for each gain setting (se- lected by changing the G2-G0 bits of the configuration register). And if factory calibration is performed using the system calibration capabilities of the CS5525/26, the offset and gain register con- tents can be read by the system microcontroller and recorded in EEPROM. These same calibration words can then be uploaded into the offset and gain registers of the converters when power is first ap- plied to the system, or when the gain range is changed. Two final tips include two ways to determine when calibration is complete: 1) wait for SDO to fall. It falls to logic 0 if the PF (Port Flag) bit of the con- figuration register is set to logic 1; or 2) poll the DF (Done Flag) bit in the configuration register which is set at completion of calibration. Whichever method is used, the calibration control bits (CC2- CC0) will return to logic 0 upon completion of any calibration. Limitations in Calibration Range System calibration can be limited by signal head- room in the analog signal path inside the chip as discussed under the Analog Input section of this data sheet. System calibration can also be limited by the intrinsic gain errors of the instrumentation amplifier and the modulator. For gain calibrations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |