Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5525 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5525 Datasheet HTML 21Page - Cirrus Logic CS5525 Datasheet HTML 22Page - Cirrus Logic CS5525 Datasheet HTML 23Page - Cirrus Logic CS5525 Datasheet HTML 24Page - Cirrus Logic CS5525 Datasheet HTML 25Page - Cirrus Logic CS5525 Datasheet HTML 26Page - Cirrus Logic CS5525 Datasheet HTML 27Page - Cirrus Logic CS5525 Datasheet HTML 28Page - Cirrus Logic CS5525 Datasheet HTML 29Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
CS5525 CS5526
26
DS202F3
SPECIFICATION DEFINITIONS
Linearity Error
The deviation of a code from a straight line which connects the two endpoints of the A/D
Converter transfer function. One endpoint is located 1/2 LSB below the first code transition
and the other endpoint is located 1/2 LSB beyond the code transition to all ones. Units in
percent of full-scale.
Differential Nonlinearity
The deviation of a code's width from the ideal width. Units in LSBs.
Full Scale Error
The deviation of the last code transition from the ideal [{(VREF+) - (VREF-)} - 3/2 LSB].
Units are in LSBs.
Unipolar Offset
The deviation of the first code transition from the ideal (1/2 LSB above the voltage on the
AIN- pin.). When in unipolar mode (U/B bit = 1). Units are in LSBs.
Bipolar Offset
The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB below
the voltage on the AIN- pin). When in bipolar mode (U/B bit = 0). Units are in LSBs.
SPI™ is a trademark of Motorola Inc., Microwire™ is a trademark of National Semiconductor Corp.
ORDERING GUIDE
Model Number
Linearity Error (Max)
Temperature Range
Package
CS5525-AP
±0.003%
-40
°C to +85°C
20-pin 0.3" Plastic DIP
CS5525-AS
±0.003%
-40
°C to +85°C
20-pin 0.2" Plastic SSOP
CS5526-BP
±0.0015%
-40
°C to +85°C
20-pin 0.3" Plastic DIP
CS5526-BS
±0.0015%
-40
°C to +85°C
20-pin 0.2" Plastic SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com