Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D100 Datasheet(PDF) 14 Page - SMSC Corporation

Part # EMC6D100
Description  ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D100 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button EMC6D100 Datasheet HTML 10Page - SMSC Corporation EMC6D100 Datasheet HTML 11Page - SMSC Corporation EMC6D100 Datasheet HTML 12Page - SMSC Corporation EMC6D100 Datasheet HTML 13Page - SMSC Corporation EMC6D100 Datasheet HTML 14Page - SMSC Corporation EMC6D100 Datasheet HTML 15Page - SMSC Corporation EMC6D100 Datasheet HTML 16Page - SMSC Corporation EMC6D100 Datasheet HTML 17Page - SMSC Corporation EMC6D100 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
Environmental Monitoring and Control Device
Datasheet
SMSC EMC6D100/EMC6D101
Page 14
Rev. 09-09-04
DATASHEET
Chapter 4 Pin Description
SYMBOL
PIN
(EMC6D101)
PIN
(EMC6D100)
TYPE
NAME AND FUNCTION
SDA
1
1
Digital I/O
(Open Drain)
System Management Bus Data. Open-drain
output. 5V tolerant. SMBus 2.0 compliant.
SCL
2
2
Digital I/O
(Open Drain)
System Management Bus Clock. Open-drain
output. 5V tolerant. SMBus 2.0 Compliant.
VID0
5
5
Digital Input
Voltage
Identification
signal
from
the
processor. This value is read in the VID0-
VID4 Status Register. Input only.
VID1
6
6
Digital Input
Voltage
Identification
signal
from
the
processor. This value is read in the VID0-
VID4 Status Register. Input only.
VID2
7
7
Digital Input
Voltage
Identification
signal
from
the
processor. This value is read in the VID0-
VID4 Status Register. Input only.
VID3
8
8
Digital Input
Voltage
Identification
signal
from
the
processor. This value is read in the VID0-
VID4 Status Register. Input only.
VID4
19
21
Digital Input
Voltage
Identification
signal
from
the
processor. This value is read in the VID0-
VID4 Status Register. Input only.
VSS
3
3
GROUND
Ground for all analog and digital circuitry.
VCC
4
4
POWER
Positive Power Supply. Nominal 3.3V.
VCC
is
monitored
by
the
Hardware
Monitoring Block.
[Can be powered by +3.3V Standby power if
monitoring in low power states is required.]
+5V
20
24
Analog Input
Analog input for +5V monitoring.
+2.5V
22
26
Analog Input
Analog input for +2.5V monitoring.
Vccp
23
27
Analog Input
Analog input for +Vccp (processor voltage)
monitoring.
+12V
21
25
Analog Input
Analog Input for +12V monitoring.
+1.5V
(note 1)
-
22
Analog Input
Analog input for +1.5V monitoring.
+1.8V
(note 1)
-
10
Analog Input
Analog input for +1.8V monitoring.
+3.3V
(note 1)
-
23
Analog Input
Analog Input for +3.3V monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com