Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D100 Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC6D100
Description  ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D100 Datasheet(HTML) 3 Page - SMSC Corporation

  EMC6D100 Datasheet HTML 1Page - SMSC Corporation EMC6D100 Datasheet HTML 2Page - SMSC Corporation EMC6D100 Datasheet HTML 3Page - SMSC Corporation EMC6D100 Datasheet HTML 4Page - SMSC Corporation EMC6D100 Datasheet HTML 5Page - SMSC Corporation EMC6D100 Datasheet HTML 6Page - SMSC Corporation EMC6D100 Datasheet HTML 7Page - SMSC Corporation EMC6D100 Datasheet HTML 8Page - SMSC Corporation EMC6D100 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
Environmental Monitoring and Control Device
Datasheet
SMSC EMC6D100/EMC6D101
Page 3
Rev. 09-09-04
DATASHEET
EMC6D100/101 Revisions
PAGE(S)
SECTION/FIGURE/ENTRY
CORRECTION
DATE REVISED
Cover
Note added advising of replacement of
EMC6D101
with
EMC6D102
as
recommended device for new designs.
09/09/04
68
9.2 Ratings for Operation
Vcc Supply Current, max sleep mode
changed from 300 to 500
01/07/03
21
6.3 Monitoring Modes
Updated temperature conversion values:
changed 2.133ms to 2ms
changed 1.511ms to 1.5ms
Updated total times:
Option 1 – Changed 362.616ms to 624 ms
Option 2 - Changed 45.327ms to 78ms
(See italicized text)
04/04/02
22
6.3.1 Continuous Monitoring Mode
Updated values: changed 362.616ms to
624 ms (see italicized text)
04/04/02
68
9.2 Ratings for Operation
Updated typical values for the conversion
time:
Option 1 - changed from 363 to 624
Option 2 - changed from 45 to 78
Modified Note 3 to reflect these value
changes.
(See italicized text)
04/04/02
73
11.1
24 Pin SSOP Package
Outline, 0.150” Wide Body, 0.025”
Pitch
Updated package outline.
04/04/02
74
11.2
28
Pin
SSOP
Package
Outline, 0.150” Wide Body, 0.025”
Pitch
Updated package outline.
04/04/02
9
General Description
Reference to “Dual Footprint” removed.
11/19/01
10
EMC6D101
Reference to “Dual Footprint” removed.
11/19/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com