Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D100 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC6D100
Description  ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D100 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC6D100 Datasheet HTML 1Page - SMSC Corporation EMC6D100 Datasheet HTML 2Page - SMSC Corporation EMC6D100 Datasheet HTML 3Page - SMSC Corporation EMC6D100 Datasheet HTML 4Page - SMSC Corporation EMC6D100 Datasheet HTML 5Page - SMSC Corporation EMC6D100 Datasheet HTML 6Page - SMSC Corporation EMC6D100 Datasheet HTML 7Page - SMSC Corporation EMC6D100 Datasheet HTML 8Page - SMSC Corporation EMC6D100 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
SMSC EMC6D100/EMC6D101
Page 1
Rev. 09-09-04
DATASHEET
EMC6D100/EMC6D101*
Environmental Monitoring
and Control Device with
Automatic Fan Capability
*NOTE: The EMC6D101 is not recommended for new designs.
The EMC6D102 Fan Control Device with Hardware
Monitoring and Acoustic Noise Reduction Features is the replacement device recommended for new designs.
The EMC6D100 & EMC6D101 monitor external voltages, temperatures, and fan speeds. They use this monitoring
capability to alert the system to out of limit conditions and can automatically control the speeds of multiple fans in a
PC or embedded system. The EMC6D101, available in a 24-pin SSOP package, and the EMC6D100, available in a
28-pin SSOP package, are designed to be register compatible. The EMC6D100 offers all the features of the
EMC6D101 plus additional voltage monitoring and system control features. The following is a summary of the
features offered in both packages:
Product Features
3.3 Volt Operation (5 Volt Tolerant Input Buffers)
SMBus 2.0 compliant interface
Fan Control
− PWM (Pulse width Modulation) Outputs (3)
− Fan Tachometer Inputs (4)
− Programmable automatic fan control based on
temperature
Temperature Monitor
− Monitoring of Two Remote Thermal Diodes
− (+/- 3 deg. C accuracy)
− Internal Ambient Temperature Measurement
− Limit Comparison of all Monitored Values
− Interrupt Pin for out-of-limit Temperature Indication
(EMC6D100 only)
− Configurable offset for internal or external
temperature channels
Voltage Monitor
− Monitor Power supplies (+2.5V, +5V, +12V, Vccp,
and VCC)
− EMC6D100 monitors additional power supplies
(+3.3V, +1.5V, +1.8V)
− Limit Comparison of all Monitored Values
− Interrupt Pin for out-of-limit Voltage Indication
(EMC6D100 only)
− 5 VID (Voltage Identification) inputs
XNOR Tree test mode
Mechanical Packages
− 24 Pin SSOP Package (EMC6D101)
− 28 Pin SSOP Package (EMC6D100)
ORDERING INFORMATION
Order Number(s):
EMC61D100-DK for 28 Pin SSOP Package
EMC61D101-CK for 24 Pin SSOP Package


Similar Part No. - EMC6D100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102-CK SMSC-EMC6D102-CK Datasheet
1Mb / 86P
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102-CK-TR SMSC-EMC6D102-CK-TR Datasheet
1Mb / 86P
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results

Similar Description - EMC6D100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6W201 SMSC-EMC6W201 Datasheet
405Kb / 5P
Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
EMC6W201DB SMSC-EMC6W201DB Datasheet
406Kb / 5P
Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
Automatic Fan-Speed Control
2005
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com