Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C2XMX Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M38C2XMX
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C2XMX Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M38C2XMX Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
39
38C2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
(frequency of count source for LCDCK)
(divider division ratio for LCD)
f(LCDCK)=
f(LCDCK)
duty ratio
Frame frequency=
Fig. 37 LCD display RAM map
LCD Display RAM
The 12-byte area of address 004016 to 004B16 is the designated
RAM for the LCD display. When “1” is written to these addresses, the
corresponding segments of the LCD display panel are turned on.
LCD Drive Timing
For the LCD drive timing, type A or type B can be selected.
The LCD drive timing is selected by the timing selection bit (bit 4 of
LCD mode register).
Type A is selected by setting the LCD drive timing selection bit to “0”,
type B is selected by setting the bit to “1”. Type A is selected after
reset.
The LCDCK timing frequency (LCD drive timing) is generated inter-
nally and the frame frequency can be determined with the following
equation;
s Note
(1) When the STP instruction is executed, the following bits are
cleared to “0”;
• LCD enable bit (bit 3 of LCD mode register)
• Bits other than bit 6 of the LCD power control register.
(2) When the voltage is applied to VL1 to VL3 by using the external
resistor, write “102” to dividing resistor for LCD power selection bits
(RSEL) of the LCD power control register (address 3816).
COM3 COM2 COM1 COM0
Bit
Address
7
6
543
2
1
0
004016
004116
004216
004316
004416
004516
004616
004716
004816
004916
004A16
004B16
SEG1
SEG3
SEG5
SEG7
SEG9
SEG11
SEG13
SEG15
SEG17
SEG19
SEG21
SEG23
SEG0
SEG2
SEG4
SEG6
SEG8
SEG10
SEG12
SEG14
SEG16
SEG18
SEG20
SEG22
COM3 COM2 COM1 COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com