Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C2XMX Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38C2XMX
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C2XMX Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38C2XMX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
38C2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
GROUP EXPANSION
Mitsubishi plans to expand the 38C2 group as follows.
Memory Type
Support for mask ROM, Flash-memory versions
Memory Size
ROM/flash memory size ...................................... 16 K to 60 K bytes
RAM size ............................................................. 640 to 2048 bytes
Memory Expansion Plan
Fig. 4 Memory expansion plan
Currently supported products are listed below.
As of May 2000
Package
64P6N-A
64P6Q-A
64P6N-A
64P6Q-A
64P6N-A
64P6Q-A
64P6N-A
64P6Q-A
Product name
ROM size (bytes)
ROM size for User in ( )
49152 (49022)
24576 (24446)
16384 (16254)
61440 (61310)
RAM size
(bytes)
2048
640
640
2048
Table 3 Support products
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Flash memory version
Flash memory version
Remarks
Packages
64P6Q-A ..................................... 0.5 mm-pitch plastic molded QFP
64P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
Products under development or planning : the development schedule and specification may be revised without notice.
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512
640
768
896
1024
192
RAM size (bytes)
40K
48K
56K
60K
Under development
Under development
Under development
1536
2048
M38C24M6
M38C24M4
M38C29FF
Under development
M38C29MC
M38C29MC-XXXFP
M38C29MC-XXXHP
M38C24M6-XXXFP
M38C24M6-XXXHP
M38C24M4-XXXFP
M38C24M4-XXXHP
M38C29FFFP
M38C29FFHP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com