Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C2XMX Datasheet(PDF) 49 Page - Mitsubishi Electric Semiconductor

Part # M38C2XMX
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C2XMX Datasheet(HTML) 49 Page - Mitsubishi Electric Semiconductor

Back Button M38C2XMX Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 53Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
49
38C2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 52 Clock generating circuit block diagram
S
R
Q
S
R
Q
S
R
Q
XIN
XOUT
1/2
1/2
1/2
1/2
P61/XCIN
P62/XCOUT
Timer 1 count source
selection bits
Through mode
“01”
“00”
“11”
“01”
“00”
“00”
“10”
Timer 2 count source
selection bits
“00,10,11”
“01”
“01,10,11”
“00”
“10”
“00,10”
“00,10”
“01,11”
“01,11”
WIT instruction
System clock
φ
STP instruction
Timer 2
Timer 1
Interrupt request
Reset
System clock
control bits
Main clock
division ratio
selection bits
Interrupt disable flag I
STP instruction
System clock
control bits
System clock
control bits
System clock
control bits
Frequency divider for Timer
Frequency/8 mode
Frequency/4 mode
Frequency/2 mode
“00”
“00,10,11”“01”
System clock
control bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com