Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1210 Datasheet(PDF) 43 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 43 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments MSC1210 Datasheet HTML 42Page - Texas Instruments MSC1210 Datasheet HTML 43Page - Texas Instruments MSC1210 Datasheet HTML 44Page - Texas Instruments MSC1210 Datasheet HTML 45Page - Texas Instruments MSC1210 Datasheet HTML 46Page - Texas Instruments MSC1210 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
43
Memory Write Select (MWS)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Fh
0
0
0
0
0
0
0
MXWS
00h
MXWS
MOVX Write Select. This allows writing to the internal Flash program memory.
bit 0
0: No writes are allowed to the internal Flash program memory.
1: Writing is allowed to the internal Flash program memory, unless PML (HCR0) or RSL (HCR0) are on.
Port 1 (P1)
7
6
5
4
3
2
1
0
Reset Value
SFR 90h
P1.7
INT5/SCK
P1.6
INT4/MISO
P1.5
INT3/MOSI
P1.4
INT2/SS
P1.3
TXD1
P1.2
RXD1
P1.1
T2EX
P1.0
T2
FFh
P1.7−0
General-Purpose I/O Port 1. This register functions as a general-purpose I/O port. In addition, all the pins have an
bits 7−0
alternative function listed below. Each of the functions is controlled by several other SFRs. The associated Port 1
latch bit must contain a logic ‘1’ before the pin can be used in its alternate function capacity. To use the alternate
function, set the appropriate mode in P1DDRL (SFR AEh), P1DDRH (SFR AFh).
INT5/SCK
External Interrupt 5. A falling edge on this pin will cause an external interrupt 5 if enabled.
bit 7
SPI Clock. The master clock for SPI data transfers.
INT4/MISO
External Interrupt 4. A rising edge on this pin will cause an external interrupt 4 if enabled.
bit 6
Master In Slave Out. For SPI data transfers, this pin receives data for the master and transmits data from the slave.
INT3/MOSI
External Interrupt 3. A falling edge on this pin will cause an external interrupt 3 if enabled.
bit 5
Master Out Slave In. For SPI data transfers, this pin transmits master data and receives slave data.
INT2/SS
External Interrupt 2. A rising edge on this pin will cause an external interrupt 2 if enabled.
bit 4
Slave Select. During SPI operation, this pin provides the select signal for the slave device but does not control the
output drive of MISO.
TXD1
Serial Port 1 Transmit. This pin transmits the serial Port 1 data in serial port modes 1, 2, 3, and emits the synchro-
bit 3
nizing clock in serial port mode 0.
RXD1
Serial Port 1 Receive. This pin receives the serial Port 1 data in serial port modes 1, 2, 3, and is a bidirectional data
bit 2
transfer pin in serial port mode 0.
T2EX
Timer 2 Capture/Reload Trigger. A 1 to 0 transition on this pin will cause the value in the T2 registers to be
bit 1
transferred into the capture registers, if enabled by EXEN2 (T2CON.3, SFR C8h). When in auto-reload mode, a 1
to 0 transition on this pin will reload the Timer 2 registers with the value in RCAP2L and RCAP2H if enabled by EXEN2
(T2CON.3, SFR C8h).
T2
Timer 2 External Input. A 1 to 0 transition on this pin will cause Timer 2 to increment.
bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com