Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1210 Datasheet(PDF) 3 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 3 Page - Texas Instruments

  MSC1210 Datasheet HTML 1Page - Texas Instruments MSC1210 Datasheet HTML 2Page - Texas Instruments MSC1210 Datasheet HTML 3Page - Texas Instruments MSC1210 Datasheet HTML 4Page - Texas Instruments MSC1210 Datasheet HTML 5Page - Texas Instruments MSC1210 Datasheet HTML 6Page - Texas Instruments MSC1210 Datasheet HTML 7Page - Texas Instruments MSC1210 Datasheet HTML 8Page - Texas Instruments MSC1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: AVDD = 5V
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF = (REF IN+) − (REF IN−) =
+2.5V, unless otherwise noted.
MSC1210Yx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Input (AIN0-AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND − 0.1
AVDD + 0.1
V
Analog Input Range
Buffer ON
AGND + 50mV
AVDD − 1.5
V
Full-Scale Input Voltage Range
(In+) − (In−)
±VREF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA(5)
M
Ω
Input Current
Buffer ON
0.5
nA
Fast Settling Filter
−3dB
0.469
• fDATA
Bandwidth
Sinc2 Filter
−3dB
0.318
• fDATA
Bandwidth
Sinc3 Filter
−3dB
0.262
• fDATA
Programmable Gain Amplifier
User-Selectable Gain Range
1
128
Input Capacitance
Buffer On
9
pF
Input Leakage Current
Modulator OFF, T = +25
°C
0.5
pA
Burnout Current Sources
Buffer On
±2
µA
Offset DAC
Offset DAC Range
±VREF/(2•PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.5
% of Range
Offset DAC Gain Error Drift
1
ppm/
°C
System Performance
Resolution
24
Bits
ENOB
See Typical Characteristics
22
Bits
Output Noise
See Typical Characteristics
No Missing Codes
Sinc3 Filter, Decimation > 360
24
Bits
Integral Nonlinearity
End Point Fit, Differential Input
±0.0015
% of FSR
Offset Error
After Calibration
7.5
ppm of FS
Offset Drift(1)
Before Calibration
0.02
ppm of FS/
°C
Gain Error(2)
After Calibration
0.002
%
Gain Error Drift(1)
Before Calibration
0.5
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
−50
50
% of FS
At DC
100
115
dB
ADC Common-Mode Rejection
fCM = 60Hz, fDATA = 10Hz
130
dB
ADC Common-Mode Rejection
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
Normal-Mode Rejection
fSIG = 60Hz, fDATA = 60Hz
100
dB
Power-Supply Rejection
At DC, dB = −20log(
∆VOUT/∆VDD)(3)
80
88
dB
(1)
Calibration can minimize these errors.
(2)
The gain calibration cannot have a REF IN+ of more than
AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(3)
∆VOUT is change in digital result.
(4)
9pF switched capacitor at
fSAMP clock frequency (see Figure 13).
(5)
The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7M
Ω/64).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com