Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1210 Datasheet(PDF) 77 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 77 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 73Page - Texas Instruments MSC1210 Datasheet HTML 74Page - Texas Instruments MSC1210 Datasheet HTML 75Page - Texas Instruments MSC1210 Datasheet HTML 76Page - Texas Instruments MSC1210 Datasheet HTML 77Page - Texas Instruments MSC1210 Datasheet HTML 78Page - Texas Instruments MSC1210 Datasheet HTML 79Page - Texas Instruments MSC1210 Datasheet HTML 80Page - Texas Instruments MSC1210 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
77
Power-Down Control Register (PDCON)
7
6
5
4
3
2
1
0
Reset Value
SFR F1h
0
0
0
PDPWM
PDADC
PDWDT
PDST
PDSPI
1Fh
Turning peripheral modules off puts the MSC1210 in the lowest power mode.
PDPWM
Pulse Width Module Control.
bit 4
0 = PWM On
1 = PWM Power Down
PDADC
ADC Control.
bit 3
0 = ADC On
1 = ADC, VREF, Summation registers, and Analog Brownout are powered down. Analog current = 0.
PDWDT
Watchdog Timer Control.
bit 2
0 = Watchdog Timer On
1 = Watchdog Timer Power Down
PDST
System Timer Control.
bit 1
0 = System Timer On
1 = System Timer Power Down
PDSPI
SPI System Control.
bit 0
0 = SPI System On
1 = SPI System Power Down
PSEN/ALE Select (PASEL)
7
6
5
4
3
2
1
0
Reset Value
SFR F2h
0
0
PSEN2
PSEN1
PSEN0
0
ALE1
ALE0
00h
PSEN2−0
PSEN Mode Select.
bits 5−3
PSEN2
PSEN1
PSEN0
0
0
x
PSEN
0
1
x
CLK
1
0
x
ADC
MODCLK
1
1
0
LOW
1
1
1
HIGH
ALE1−0
ALE Mode Select.
bits 1−0
ALE1
ALE0
0
x
ALE
1
0
LOW
1
1
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com