Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C668HBA Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P89C668HBA
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668HBA Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P89C668HBA Datasheet HTML 65Page - NXP Semiconductors P89C668HBA Datasheet HTML 66Page - NXP Semiconductors P89C668HBA Datasheet HTML 67Page - NXP Semiconductors P89C668HBA Datasheet HTML 68Page - NXP Semiconductors P89C668HBA Datasheet HTML 69Page - NXP Semiconductors P89C668HBA Datasheet HTML 70Page - NXP Semiconductors P89C668HBA Datasheet HTML 71Page - NXP Semiconductors P89C668HBA Datasheet HTML 72Page - NXP Semiconductors P89C668HBA Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
69
In Application Programming Method
Several In Application Programming (IAP) calls are available for use
by an application program to permit selective erasing and
programming of Flash sectors. All calls are made through a common
interface, PGM_MTP. The programming functions are selected by
setting up the microcontroller’s registers before making a call to
PGM_MTP at FFF0H. The oscillator frequency is an integer number
rounded down to the nearest megahertz. For example, set R0 to 11
for 11.0592 MHz. Results are returned in the registers. The IAP calls
are shown in Table 15.
Using the Watchdog Timer (WDT)
The 89C66x devices support the use of the WDT in IAP. The user
specifies that the WDT is to be fed by setting the most significant bit
of the function parameter passed in R1 prior to calling PGM_MTP.
The WDT function is only supported for Block Erase when using the
Quick Block Erase. The Quick Block Erase is specified by
performing a Block Erase with register R0 = 0. Requesting a WDT
feed during IAP should only be performed in applications that use
the WDT since the process of feeding the WDT will start the WDT if
the WDT was not working.
Table 15.
IAP calls
IAP CALL
PARAMETER
PROGRAM DATA BYTE
Input Parameters:
R0 = osc freq (integer)
R1 = 02h
R1 = 82h (WDT feed, Rx2 & 66x only)
DPTR = address of byte to program
ACC = byte to program
Return Parameter
ACC = 00 if pass, !00 if fail
Sample routine:
;***** Program Device Data (DData) *****
;***** ACC holds data to write
;***** DPTR holds address of byte to write *****
;***** Returns with ACC = 00h if successful, else ACC NEQ 00h
WRData:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0, #11
;FOSC
MOV
R1,#02H
;program data function
MOV
A,Mydata
;data to write
MOV
DPTR,Address
;specify address of byte to read
CALL
PGM_MTP
;execute the function
RET
ERASE BLOCK
Input Parameters:
R0 = osc freq (integer)
R0 = 0 (QUICK ERASE, Rx2 & 66x only)
R1 = 01h
R1 = 81h (WDT feed, Rx2 & 66x only; can only be used with Quick Erase)
DPH = block code as shown below:
block 0,
0k to
8k, 00H
block 1,
8k to 16k, 20H
block 2, 16k to 32k, 40H
block 3, 32k to 48k, 80H
block 4, 48k to 64k, C0H
DPL = 00h
Return Parameter
none
Sample routine:
;***** Erase Code Memory Block *****
;***** DPH (7:5) indicates which of the 5 blocks to erase
;***** DPTR values for the blocks are:
;
0000h = block 0
;
2000h = block 1
;
4000h = block 2
;
8000h = block 3
;
C000h = block 4
ERSBLK:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0, #11
;FOSC
MOV
R1,#01H
;erase block
MOV
DPTR,#BLk_NUM
;specify which block
CALL
PGM_MTP
;execute the function
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com