Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C668HBA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89C668HBA
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668HBA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89C668HBA Datasheet HTML 35Page - NXP Semiconductors P89C668HBA Datasheet HTML 36Page - NXP Semiconductors P89C668HBA Datasheet HTML 37Page - NXP Semiconductors P89C668HBA Datasheet HTML 38Page - NXP Semiconductors P89C668HBA Datasheet HTML 39Page - NXP Semiconductors P89C668HBA Datasheet HTML 40Page - NXP Semiconductors P89C668HBA Datasheet HTML 41Page - NXP Semiconductors P89C668HBA Datasheet HTML 42Page - NXP Semiconductors P89C668HBA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
39
When Timer 2 is in the baud rate generator mode, one should not try
to read or write TH2 and TL2. As a baud rate generator, Timer 2 is
incremented every state time (fOSC/2) or asynchronously from pin
T2; under these conditions, a read or write of TH2 or TL2 may not
be accurate. The RCAP2 registers may be read, but should not be
written to, because a write might overlap a reload, and cause write
and/or reload errors. The timer should be turned off (clear TR2)
before accessing Timer 2 or RCAP2 registers.
Summary Of Baud Rate Equations: Timer 2 is in baud rate
generating mode. If Timer 2 is being clocked through pin T2(P1.0)
the baud rate is:
Baud Rate
+ Timer 2 Overflow Rate
16
If Timer 2 is being clocked internally, the baud rate is:
Baud Rate
+
f
OSC
[n *
[65536
(RCAP2H, RCAP2L)]]
* n =
16 in 6 clock mode
32 in 12 clock mode
Where fOSC = Oscillator Frequency
To obtain the reload value for RCAP2H and RCAP2L, the above
equation can be rewritten as:
RCAP2H, RCAP2L
+ 65536
f
OSC
n*
Baud Rate
Timer/Counter 2 Set-up
Except for the baud rate generator mode, the values given for T2CON
do not include the setting of the TR2 bit. Therefore, bit TR2 must be
set, separately, to turn the timer on. See Table 11 for set-up of Timer 2
as a timer. Also see Table 12 for set-up of Timer 2 as a counter.
Table 11.
Timer 2 as a Timer
T2CON
MODE
INTERNAL CONTROL
(Note 1)
EXTERNAL CONTROL
(Note 2)
16-bit Auto-Reload
00H
08H
16-bit Capture
01H
09H
Baud rate generator receive and transmit same baud rate
34H
36H
Receive only
24H
26H
Transmit only
14H
16H
Table 12.
Timer 2 as a Counter
TMOD
MODE
INTERNAL CONTROL
(Note 1)
EXTERNAL CONTROL
(Note 2)
16-bit
02H
0AH
Auto-Reload
03H
0BH
NOTES:
1. Capture/reload occurs only on timer/counter overflow.
2. Capture/reload occurs on timer/counter overflow and a 1-to-0 transition on T2EX (P1.1) pin except when Timer 2 is used in the baud rate
generator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com