Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C668HBA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89C668HBA
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668HBA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89C668HBA Datasheet HTML 13Page - NXP Semiconductors P89C668HBA Datasheet HTML 14Page - NXP Semiconductors P89C668HBA Datasheet HTML 15Page - NXP Semiconductors P89C668HBA Datasheet HTML 16Page - NXP Semiconductors P89C668HBA Datasheet HTML 17Page - NXP Semiconductors P89C668HBA Datasheet HTML 18Page - NXP Semiconductors P89C668HBA Datasheet HTML 19Page - NXP Semiconductors P89C668HBA Datasheet HTML 20Page - NXP Semiconductors P89C668HBA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
17
INTERNAL BUS
8
BSD7
S1DAT
ACK
SCL
SDA
SHIFT PULSES
SU00969
Figure 6. Serial Input/Output Configuration
SHIFT IN
SDA
SCL
D7
D6
D5
D4
D3
D2
D1
D0
A
SHIFT ACK & S1DAT
ACK
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
A
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(1)
(1)
S1DAT
SHIFT BSD7
BSD7
D7
D6
D5
D4
D3
D2
D1
D0
(3)
LOADED BY THE CPU
(1) Valid data in S1DAT
(2) Shifting data in S1DAT and ACK
(3) High level on SDA
SHIFT OUT
SU00970
Figure 7. Shift-in and Shift-out Timing
In the following text, it is assumed that ENS1 = “1”.
The “START” Flag, STA: STA = “1”: When the STA bit is set to
enter a Master mode, the SIO1 hardware checks the status of the
I2C bus and generates a START condition if the bus is free. If the
bus is not free, then SIO1 waits for a STOP condition (which will free
the bus) and generates a START condition after a delay of half a
clock period of the internal serial clock generator.
If STA is set while SIO1 is already in a Master mode and one or
more bytes are transmitted or received, SIO1 transmits a repeated
START condition. STA may be set at any time. STA may also be set
when SIO1 is an addressed slave.
STA = “0”: When the STA bit is reset, no START condition or
repeated START condition will be generated.
The STOP Flag, STO: STO = “1”: When the STO bit is set while
SIO1 is in a Master mode, a STOP condition is transmitted to the
I2C bus. When the STOP condition is detected on the bus, the SIO1
hardware clears the STO flag. In a Slave mode, the STO flag may
be set to recover from an error condition. In this case, no STOP
condition is transmitted to the I2C bus. However, the SIO1 hardware
behaves as if a STOP condition has been received and switches to
the defined “not addressed” Slave Receiver mode. The STO flag is
automatically cleared by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com