Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXM Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 75Page - National Semiconductor (TI) GXM Datasheet HTML 76Page - National Semiconductor (TI) GXM Datasheet HTML 77Page - National Semiconductor (TI) GXM Datasheet HTML 78Page - National Semiconductor (TI) GXM Datasheet HTML 79Page - National Semiconductor (TI) GXM Datasheet HTML 80Page - National Semiconductor (TI) GXM Datasheet HTML 81Page - National Semiconductor (TI) GXM Datasheet HTML 82Page - National Semiconductor (TI) GXM Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 244 page
background image
Revision 3.1
79
www.national.com
Processor Programming (Continued)
3.11.1 SMM Enhancements
Eight SMM instructions have been added to the x86
instruction set that permit initiating SMM through software
andsavingand restoring the total CPU statewhenin
SMM.
The SMM header now:
• Stores 32-bits memory addresses.
• Stores 32-bit memory data.
• Differentiates memory and I/O accesses.
• Indicates if an SMM interrupt was generated by access
to a VGA region.
The SMM service code is now cacheable. An SMAR reg-
ister specifies the SMM region code base and limit. An
SMHR register specifies the physical address for the
SMM header. The SMI_NEST bit enables the nesting of
SMM interrupts.
3.11.2 SMM Operation
SMM execution flow is summarized in Figure 3-10. Enter-
ing SMM requires the assertion of the SMI# pin for at least
two SYSCLK periods or execution of the SMINT instruction.
For the SMI# signal or SMINT instruction to be recog-
nized, configuration register bits must be set as shown in
Table 3-34. (The configuration registers are discussed in
detail in Section 3.3.2.2 “Configuration Registers” on page
47.)
After triggering an SMM through the SMI# pin or a SMINT
instruction, selected CPU state information is automati-
cally saved in the SMM memory space header located at
the top of SMM memory space. After saving the header,
the CPU enters real mode and begins executing the SMM
service routine starting at the SMM memory region base
address.
The SMM service routine is user definable and may con-
tain system or power management software. If the power
management software forces the CPU to power down or if
the SMM service routine modifies more registers than are
automatically saved, the complete CPU state information
should be saved.
Figure 3-10. SMM Execution Flow
Table 3-34. SMI# and SMINT Recognition
Requirements
Register Bits
SMI#
SMINT
USE_SMI, CCR1[1] (Index C1h)
1
1
SMAC, CCR1[2] (Index C1h)
0
1
SIZE[3:0], SMAR3[3:0] (Index CFh)
> 0
> 0
SMI# Sampled Active or
SMINT Instruction Executed
CPU State Stored in SMM
Address Space Header
Program Flow Transfers
to SMM Address Space
CPU Enters Real Mode
Execution Begins at SMM
Address Space Base Address
RSM Instruction Restores CPU
State Using Header Information
Normal Execution Resumes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com